Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 692 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 692 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 688Page - Renesas Technology Corp 32186 Datasheet HTML 689Page - Renesas Technology Corp 32186 Datasheet HTML 690Page - Renesas Technology Corp 32186 Datasheet HTML 691Page - Renesas Technology Corp 32186 Datasheet HTML 692Page - Renesas Technology Corp 32186 Datasheet HTML 693Page - Renesas Technology Corp 32186 Datasheet HTML 694Page - Renesas Technology Corp 32186 Datasheet HTML 695Page - Renesas Technology Corp 32186 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1032 page
background image
13
CAN MODULE
13-82
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
123456
b7(b15)
(b8)
b0
RM
RR
TR
RL
RA
ML
TRSTAT TRFIN
00000000
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0 (8)
TR
0: Do not use the message slot as transmit slot
R
W
Transmit request bit
1: Use the message slot as transmit slot
1 (9)
RR
0: Do not use the message slot as receive slot
R
W
Receive request bit
1: Use the message slot as receive slot
2 (10)
RM
0: Transmit/receive data frame
R
W
Remote bit
1: Transmit/receive remote frame
3 (11)
RL
0: Enable automatic response for remote frame
R
W
Automatic response inhibit bit
1: Disable automatic response for remote frame
4 (12)
RA
During BasicCAN mode
R
–
Remote active bit
0: Receive data frame (status)
1: Receive remote frame (status)
During normal mode
0: Data frame
1: Remote frame
5 (13)
ML
0: No message was lost
R(Note 1)
Message lost bit
1: Message was lost
6 (14)
TRSTAT
During a transmit slot
R
–
Transmit/receive status bit
0: Transmission idle
1: Transmit request accepted
During a receive slot
0: Reception idle
1: Storing received data
7 (15)
TRFIN
During a transmit slot
R(Note 1)
Transmission/reception finished bit
0: Not transmitted yet
1: Finished transmitting
During a receive slot
0: Not received yet
1: Finished receiving
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the status it had before the write.
CAN1 Message Slot 16 Control Register (C1MSL16CNT)
<Address: H’0080 1460>
CAN1 Message Slot 17 Control Register (C1MSL17CNT)
<Address: H’0080 1461>
CAN1 Message Slot 18 Control Register (C1MSL18CNT)
<Address: H’0080 1462>
CAN1 Message Slot 19 Control Register (C1MSL19CNT)
<Address: H’0080 1463>
CAN1 Message Slot 20 Control Register (C1MSL20CNT)
<Address: H’0080 1464>
CAN1 Message Slot 21 Control Register (C1MSL21CNT)
<Address: H’0080 1465>
CAN1 Message Slot 22 Control Register (C1MSL22CNT)
<Address: H’0080 1466>
CAN1 Message Slot 23 Control Register (C1MSL23CNT)
<Address: H’0080 1467>
CAN1 Message Slot 24 Control Register (C1MSL24CNT)
<Address: H’0080 1468>
CAN1 Message Slot 25 Control Register (C1MSL25CNT)
<Address: H’0080 1469>
CAN1 Message Slot 26 Control Register (C1MSL26CNT)
<Address: H’0080 146A>
CAN1 Message Slot 27 Control Register (C1MSL27CNT)
<Address: H’0080 146B>
CAN1 Message Slot 28 Control Register (C1MSL28CNT)
<Address: H’0080 146C>
CAN1 Message Slot 29 Control Register (C1MSL29CNT)
<Address: H’0080 146D>
CAN1 Message Slot 30 Control Register (C1MSL30CNT)
<Address: H’0080 146E>
CAN1 Message Slot 31 Control Register (C1MSL31CNT)
<Address: H’0080 146F>
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com