Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 866 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 866 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 862Page - Renesas Technology Corp 32186 Datasheet HTML 863Page - Renesas Technology Corp 32186 Datasheet HTML 864Page - Renesas Technology Corp 32186 Datasheet HTML 865Page - Renesas Technology Corp 32186 Datasheet HTML 866Page - Renesas Technology Corp 32186 Datasheet HTML 867Page - Renesas Technology Corp 32186 Datasheet HTML 868Page - Renesas Technology Corp 32186 Datasheet HTML 869Page - Renesas Technology Corp 32186 Datasheet HTML 870Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 866 / 1032 page
background image
18
WAIT CONTROLLER
18-24
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 18.3.18 Read/Write Timing (for Access with Internal 2 and External n Wait States)
Read
Read (3 + n cycles)
CLKOUT
A9–A30
CS0#–CS3#
BHE#, BLE#
DB0–DB15
WAIT#
RD#
"H"
Note 1: For details about the Bus Mode Control Register, see Section 17.2.2, "Bus Mode Control Register."
Note 2: For details about the CS Area Wait Control Register, see Section 18.2.1, "CS Area Wait Control Registers."
Notes: • Circles in the above diagram indicate the sampling timing.
• CLKOUT is not output.
"L"
Internal 2 wait states
External n wait states
(Don't Care)
"H"
(Don't Care)
Write
Write (3 + n cycles)
CLKOUT
A9–A30
CS0#–CS3#
BHE#, BLE#
DB0–DB15
WAIT#
RD#
"H"
"L"
Internal 2 wait states
External n wait states
(Don't Care)
"H"
(Don't Care)
"L"
"L"
"L"
"L"
WR#
WR#
Bus Mode Control Register (Note 1)
BUSMOD bit = 1 (byte enable separated)
CS Area Wait Control Register (Note 2)
WAIT bit = 0010 (2 wait)
CWAIT bit = 0 (without CS wait)
SWAIT bit = 0 (without strobe wait)
RECOV bit = 0 (without recovery cycle)
IDLE bit = 0 (without idle cycle)
18.3 Typical Operation of Wait Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com