Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 916 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 916 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 912Page - Renesas Technology Corp 32186 Datasheet HTML 913Page - Renesas Technology Corp 32186 Datasheet HTML 914Page - Renesas Technology Corp 32186 Datasheet HTML 915Page - Renesas Technology Corp 32186 Datasheet HTML 916Page - Renesas Technology Corp 32186 Datasheet HTML 917Page - Renesas Technology Corp 32186 Datasheet HTML 918Page - Renesas Technology Corp 32186 Datasheet HTML 919Page - Renesas Technology Corp 32186 Datasheet HTML 920Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 916 / 1032 page
background image
22
POWER SUPPLY CIRCUIT
22-8
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
22.3 Power-Off Sequence
Figure 22.3.4 Microcomputer Ready to Operate State (VCCE = 5.0 V or 3.3 V)
0V
0V
0V
0V
3.0
–5.5V
(Note 2)
(Note 2)
(Note 1)
Note 1: During RAM backup mode, it automatically changes to the sub VDC, allowing to save on
power consumption in the chip.
Note 2: Do not apply power supply voltage to EXCVDD pin and EXCVCC pin. Refer to Chapter 23,
"ELECTRICAL CHARACTERISTICS" for external capacitance of power supply.
I/O Control Circuit
CPU
Peripheral Circuit
Internal Flash
Memory
A/D Converter
Circuit
Internal RAM
Internal Voltage Generator Circuit
Main VDC
Backup Voltage
Generator Circuit
Sub-VDC
Oscillator Circuit
External Bus
PLL
EXCVCC
EXCVDD
VDDE
VCCE
AVCC0
VCC-BUS
control
signal
VCCER
(65pin)
Figure 22.3.5 RAM Data Backup State (VCCE = 5.0 V or 3.3 V)
5V or 3.3V
5V or 3.3V
5V or 3.3V
5V or 3.3V
(Note 2)
(Note 2)
5V or 3.3V
(Note 1)
Note 1: When the microcomputer is ready to operate, it automatically changes to the main VDC.
Note 2: Do not apply power supply voltage to EXCVDD pin and EXCVCC pin. Refer to Chapter 23,
"ELECTRICAL CHARACTERISTICS" for external capacitance of power supply.
I/O Control Circuit
CPU
Peripheral Circuit
Internal Flash
Memory
A/D Converter
Circuit
Internal RAM
Internal Voltage Generator Circuit
Main VDC
Backup Voltage
Generator Circuit
Sub-VDC
Oscillator Circuit
External Bus
PLL
EXCVCC
EXCVDD
VDDE
VCCE
AVCC0
VCC-BUS
control
signal
VCCER
(65pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com