Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 920 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 920 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 916Page - Renesas Technology Corp 32186 Datasheet HTML 917Page - Renesas Technology Corp 32186 Datasheet HTML 918Page - Renesas Technology Corp 32186 Datasheet HTML 919Page - Renesas Technology Corp 32186 Datasheet HTML 920Page - Renesas Technology Corp 32186 Datasheet HTML 921Page - Renesas Technology Corp 32186 Datasheet HTML 922Page - Renesas Technology Corp 32186 Datasheet HTML 923Page - Renesas Technology Corp 32186 Datasheet HTML 924Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Symbol
Parameter
Rated Value
Unit
MIN
TYP
MAX
VIL
Input "L"
Threshold
When
Threshold selection
0
0.25VCCE
V
Voltage
switching
CMOS input
: 0.35VCCE
(Note 2)
function
is selected
Threshold selection
0
0.4VCCE
V
(multipurpose
: 0.5VCCE
port function
Threshold selection
0
0.6VCCE
V
pin)
: 0.7VCCE
When
VT+/VT-
0
0.25VCCE
V
Schmitt input
: 0.5VCCE/0.35VCCE
is selected
VT+/VT-
0
0.25VCCE
V
: 0.7VCCE/0.35VCCE
VT+/VT-
0
0.4VCCE
V
: 0.7VCCE/0.5VCCE
FP, MOD0, MOD1, JTMS, JTRST,
JTCK/NBDCLK, JTDI/ NBDSYNC#, RESET#
0
0.2VCCE
V
Standard input for the following pins: RTDCLK,
0
0.25VCCE
V
RTDRXD, SCLKI0, SCLKI1, SCLKI4, SCLKI5,
RXD0–RXD5, TCLK0–TCLK3, TIN0, TIN3,
TIN16-TIN26, CRX0, CRX1, NBDD0–NBDD3
Standard input for the following pins: DB0–DB15,
WAIT#, TIN4-TIN11, TIN30-TIN33
0
0.16VCCE
V
Standard input for the followingpins: SBI#,
HREQ#,TIN27
0
0.25VCCE
V
XIN threshold oscillation abort dection (Note 5)
0
0.35VCC-BUS
V
IOH(peak) "H" State Peak Output Current P0–P22 (Note 3)
-10
mA
IOH(avg)
"H" State Average Output Current P0–P22 (Note 4)
-5
mA
IOL(peak) "L" State Peak Output Current P0–P22 (Note 3)
10
mA
IOL(avg)
"L" State Average Output Current P0–P22 (Note 4)
5
mA
CL
Output Load NBDD0–NBDD3 (output), NBDEVNT#
100
pF
Capacitance JTDO
80
pF
Other than above
15
50
pF
f(XIN)
External Clock Input Frequency
7.5
10
MHz
Note 1: Subject to conditions VCCE
≥ AVCC ≥ VREF
Note 2: The ports listed below operate with the VCC-BUS power supply, and not with the VCCE power supply. Therefore, the
reference voltage for these ports is the VCC-BUS input voltage.
P00–07, P10–17, P20–27, P30–37, P41–47, P150, P153, P220, P221, P224, P225, XIN,XOUT
Note 3: Make sure the total output current (peak) of ports is
| ports P0 + P1 + P2 |
≤ 80 mA
| ports P3 + P4 + P13 + P15 + P22 |
≤ 80 mA
| ports P6 + P7 + P8 + P9 + P17 |
≤ 80 mA
| ports P10 + P11 + P12 |
≤ 80 mA
Note 4: The average output current is a value averaged during a 100 ms period.
Note 5: Prescribe a voltage level in order XIN oscillation stop detection circuit can judge changing XIN level.For that it is
necessary to remain the voltage in VIH/VIL standard more than 5ns.
23.3 Electrical Characteristics when VCCE = 5 V, f(XIN) = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com