Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 930 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 930 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 926Page - Renesas Technology Corp 32186 Datasheet HTML 927Page - Renesas Technology Corp 32186 Datasheet HTML 928Page - Renesas Technology Corp 32186 Datasheet HTML 929Page - Renesas Technology Corp 32186 Datasheet HTML 930Page - Renesas Technology Corp 32186 Datasheet HTML 931Page - Renesas Technology Corp 32186 Datasheet HTML 932Page - Renesas Technology Corp 32186 Datasheet HTML 933Page - Renesas Technology Corp 32186 Datasheet HTML 934Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-14
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Symbol
Parameter
Test Condition
Rated Value
Unit
MIN
TYP
MAX
–
Resolution
VREF=VCCE=AVCC
10
bits
–
Absolute
Invalid S&H
Slow mode
Normal speed
±4
Accuracy
Double speed
±4
(Note 1)
Fast mode
Normal speed
±6
Double speed
±16
Valid normal
Slow mode
Normal speed
±4
S&H, invalid
Double speed
±4
synchronous
Fast mode
Normal speed
±6
S&H
Double speed
±16
Valid fast
Slow mode
Normal speed
±4
S&H, invalid
Double speed
±16
LSB
synchronous
Fast mode
Normal speed
±16
S&H
Double speed
±48
Valid normal
Slow mode
Normal speed
±4
S&H, valid
Double speed
±4
synchronous
Fast mode
Normal speed
±6
S&H
Double speed
±16
Valid fast
Slow mode
Normal speed
±4
S&H and
Double speed
±16
synchronous
Fast mode
Normal speed
±16
S&H
Double speed
±48
TCONV Conversion
Invalid S&H
Slow mode
Normal speed
14.95
µs
Time
or valid
Double speed
8.65
normal S&H
Fast mode
Normal speed
6.55
Double speed
4.45
Valid fast
Slow mode
Normal speed
9.55
S&H
Double speed
5.05
Fast mode
Normal speed
4.75
Double speed
2.65
IIAN
Analog Input Leakage Current (Note 2)
AVSS
≤ ADiINn ≤ AVCC
-5
5
µA
Note 1: Absolute accuracy refers to the accuracy of output code relative to the analog input including all error sources
(including quantization error) in an A/D converter, and is calculated using the equation below.
Absolute accuracy = output code - (analog input voltage ADiINn / 1 LSB)
When AVCC = AVREF = 3.072 V, 1 LSB = 3 mV.
Note 2: This refers to the input leakage current on ADiINn while the A/D converter remains idle.
Notes: • S&H stands for Sample and Hold
• It is A/D Conversion Characteristics when in BCLK mode and VCCE=VCC-BUS=VDDE=3.072V, VCCER=5.12V or
3.072V.
23.5.3 A/D Conversion Characteristics (when VCCE = 3.3 V ±0.3 V, f(XIN) = 10 MHz)
A/D Conversion Characteristics (In case if VCCE,VCCER,VCC-BUS,VDDE,Ta are not specified refer-
enced to "23.1 Adapted Table.")
23.5 Electrical Characteristics when VCCE = 3.3 V, f(XIN) = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com