Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 933 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 933 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 929Page - Renesas Technology Corp 32186 Datasheet HTML 930Page - Renesas Technology Corp 32186 Datasheet HTML 931Page - Renesas Technology Corp 32186 Datasheet HTML 932Page - Renesas Technology Corp 32186 Datasheet HTML 933Page - Renesas Technology Corp 32186 Datasheet HTML 934Page - Renesas Technology Corp 32186 Datasheet HTML 935Page - Renesas Technology Corp 32186 Datasheet HTML 936Page - Renesas Technology Corp 32186 Datasheet HTML 937Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-17
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Symbol
Parameter
Test Condition
Rated Value
Unit
MIN
TYP
MAX
VOH
Output "H" Voltage
IOH
≥-2mA
VCCE+0.5
VCCE
V
× IOH (mA)
VOL
Output "L" Voltage
IOL
≤2mA
0
0.225 × IOL
V
(mA)
VDDE
RAM Retention Power Supply Voltage
When operating
3.0
3.6
V
During backup
3.0
3.6
V
IIH
"H" State Input Current
VI=VCCE
-5
5
µA
IIL
"L" State Input Current
VI=0V
-5
5
µA
ICC
Total Power Supply Current (Note 1)
During reset
50
mA
When operating
68
100
RAM Retention
Ta=25°C
24
320
IDDEhold
Power Supply Current (32185)
Ta=125°C
200
2000
µA
RAM Retention
Ta=25°C
24
320
Power Supply Current (32186)
Ta=125°C
200
2000
VT+-
FP, MOD0, MOD1, JTMS, JTRST,
JTDI/NBDSYNC#, RESET#
0.65
V
VT-
Standard input for the following pins:
0.5
RTDCLK, RTDRXD, SCLKI0, SCLKI1, SCLKI4,
SCLKI5, RXD0–RXD5, TCLK0–TCLK3, TIN0,
TIN3, TIN16–TIN26, CRX0, CRX1,
NBDD0–NBDD3
Standard input for the following pins:
0.2
SBI#, HREQ#, TIN27
When threshold
0.7VCCE/0.35VCCE
0.5
switching function
0.7VCCE/0.5VCCE
0.2
is used (VT+ / VT–)
0.5VCCE/0.35VCCE
0.2
Note 1: Total amount of current when single-chip mode
23.6.2 D.C. Characteristics (when VCCE = 3.3 V ±0.3 V, f(XIN) = 8 MHz)
Electrical Characteristics (In case if VCCE,VCCER,VCC-BUS,VDDE,Ta are not specified referenced to
"23.1 Adapted Table.")
23.6 Electrical Characteristics when VCCE = 3.3 V, f(XIN) = 8 MHz
Electrical Characteristics of Each Power Supply Pin
Symbol
Parameter
Test Condition
Rated Value
Unit
MIN
TYP
MAX
ICCE
VCCE Power Supply Current When Operating
f(XIN)=8.0MHz
7
mA
ICCER
VCCER Power Supply Current When Operating
f(XIN)=8.0MHz
90
mA
IDDE
VDDE Power Supply Current When Operating
f(XIN)=8.0MHz
1
mA
ICC-BUS
VCC-BUS Power Supply Current When Operating
f(XIN)=8.0MHz
7
mA
IAVCC
AVCC Power Supply Current When Operating
f(XIN)=8.0MHz
2
mA
IVREF
VREF Power Supply Current When Operating
f(XIN)=8.0MHz
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com