Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 967 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 967 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 963Page - Renesas Technology Corp 32186 Datasheet HTML 964Page - Renesas Technology Corp 32186 Datasheet HTML 965Page - Renesas Technology Corp 32186 Datasheet HTML 966Page - Renesas Technology Corp 32186 Datasheet HTML 967Page - Renesas Technology Corp 32186 Datasheet HTML 968Page - Renesas Technology Corp 32186 Datasheet HTML 969Page - Renesas Technology Corp 32186 Datasheet HTML 970Page - Renesas Technology Corp 32186 Datasheet HTML 971Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-51
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(11) Read and write timing (2/4)
Symbol
Parameter
Rated Value
Unit
See Figs.
MIN
MAX
23.10.12
23.10.13
tsu(D-RDH)
Data Input Setup Time before Read
30
ns
[44]
th(RDH-D)
Data Input Hold Time after Read
0
ns
[45]
tsu(WAITH-RDL)
Data Input Setup Time before Read
tc(CLKOUT) + 21
ns
[132]
tsu(WAITL-RDL)
tw(WAITH)
Wait "H" Pulse Width (Note 1)
26
ns
[133]
tw(WAITL)
Wait "L" Pulse Width (Note 1)
26
ns
[134]
tsu(WAITH-BLWL)
ns
[135]
tsu(WAITH-BHWL) Wait Input Setup Time before Write
+ 21
tsu(WAITL-BLWL) (byte write mode)
tsu(WAITL-BHWL)
tw(RDH)
Read "H" Pulse Width
(1+C+S)-5
ns
[55]
tw(RDL)
Read "L" Pulse Width
(1+2W-C-S)-20
ns
[43]
tw(BLWL)
Write "L" Pulse Width
0 wait state:
ns
[51]
tw(BHWL)
(byte write mode)
-11
1-plus wait states:
(2W-C-S)-20
td(RDH-BLWL)
Write Delay Time after Read
tc(CLKOUT)(
+R+ID)-10
ns
[56]
td(RDH-BHWL)
td(BLWH-RDL) Read Delay Time after Write
0 wait state:
ns
[57]
td(BHWH-RDL)
-10
1-plus wait states:
tc(CLKOUT)(1+R+
)-10
td(CSL-RDL)
Chip Select Delay Time before Read
(1+S) -16
ns
[93]
td(CSL-BLWL)
Chip Select Delay Time before Write
(1+S)-16
ns
[95]
td(CSL-BHWL)
td(A-RDL)
Address Delay Time before Read
(1+C+S)-15
ns
[39]
td(CS-RDL)
Chip Select Delay Time before Read
(1+S)-15
ns
[40]
tv(RDH-A)
Address Valid Time after Read
tc(CLKOUT)(R+ID)
ns
[41]
tv(RDH-CS)
Chip Select Valid Time after Read
tc(CLKOUT)
×R
ns
[42]
tpzx(RDH-DZ) Data Output Enable Time after Read
tc(CLKOUT)(
+R+ID)
ns
[46]
td(A-BLWL)
Address Delay Time before Write
(1+C+S)-15
ns
[47]
td(A-BHWL)
(byte write mode)
td(CS-BLWL)
Chip Select Delay Time before Write
(1+S) - 15
ns
[48]
td(CS-BHWL) (byte write mode)
tv(BLWH-A)
Address Valid Time after Write
0 wait state: -5
ns
[49]
tv(BHWH-A)
(byte write mode)
1-plus wait states:
tc(CLKOUT)(
+R)-5
tv(BLWH-CS) Chip Select Valid Time after Write
0 wait state: -5
ns
[50]
tv(BHWH-CS) (byte write mode)
1-plus wait states:
tc(CLKOUT)( +R)-5
td(BLWL-D)
Data Output Delay Time after Write
0 wait state: 5
ns
[52]
td(BHWL-D)
(byte write mode)
1-plus wait states:
15 -
(S+C)
23.10 A.C. Characteristics (when VCCE = 3.3 V)
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
1+C+S
2
C+S
2
1
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
1
2
1
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
Note 1: Hold a level during tw(WAITH), tw(WAITL) from the position of the minimum value of tsu(WAITH-RDL), tsu(WAITL-
RDL), tsu(WAITH-BLWL), tsu(WAITH-BHWL), tsu(WAITL-BLWL), tsu(WAITL-BHWL).
tc(CLKOUT)
2
tc(CLKOUT)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com