Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 968 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 968 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 964Page - Renesas Technology Corp 32186 Datasheet HTML 965Page - Renesas Technology Corp 32186 Datasheet HTML 966Page - Renesas Technology Corp 32186 Datasheet HTML 967Page - Renesas Technology Corp 32186 Datasheet HTML 968Page - Renesas Technology Corp 32186 Datasheet HTML 969Page - Renesas Technology Corp 32186 Datasheet HTML 970Page - Renesas Technology Corp 32186 Datasheet HTML 971Page - Renesas Technology Corp 32186 Datasheet HTML 972Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 968 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-52
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
23.10 A.C. Characteristics (when VCCE = 3.3 V)
Figure 23.10.12 Read Timing (Relative to Read Pulse)
[55] tw(RDH)
BLW#
BHW#
0.43VCC-BUS
0.16VCC-BUS
0.43VCC-BUS
[43] tw(RDL)
[39] td(A-RDL)
[41] tv(RDH-A)
[42] tv(RDH-CS)
[42] tv(RDH-CS)
0.16VCC-BUS
0.43VCC-BUS
0.16VCC-BUS
[40] td(CS-RDL)
0.16VCC-BUS
[45] th(RDH-D)
[44] tsu(D-RDH)
0.16VCC-BUS
0.43VCC-BUS
RD#
[57] td(BLWH-RDL)
td(BHWH-RDL)
[56] td(RDH-BLWL)
td(RDH-BHWL)
[93] td(CSL-RDL)
[46] tpzx(RDH-DZ)
0.43VCC-BUS
0.43VCC-BUS
0.16VCC-BUS
WAIT#
[132] tsu(WAITH-RDL)
[133] tw(WAITH)
Data output
(DB0–DB15)
Address
(A9–A30)
CS#
(Access area)
CS#
(Non-access area)
Data input
(DB0–DB15)
Note: • When using the threshold switching function, the data input WAIT# voltage levels are
determined with respect to the rated minimum and maximum values for VIH and VIL.
Symbol
Parameter
Rated Value
Unit
See Figs.
MIN
MAX
23.10.12
23.10.13
tv(BLWH-D)
Data Output Valid Time after Write
0 wait state: -7
ns
[53]
tv(BHWH-D)
(byte write mode)
1-plus wait states:
tc(CLKOUT)( +R) -13
tpzx(BLWL-DZ) Data Output Enable Time after Write 0 wait state: -20
ns
[126]
tpzx(BHWL-DZ) (byte write mode)
1-plus wait states:
-22-
(S+C)
tpxz(BLWH-DZ) Data Output Disable Time after Write
0 wait state: 5
ns
[54]
tpxz(BHWH-DZ) (byte write mode)
1-plus wait states:
tc(CLKOUT)( +R) +5
1
2
tc(CLKOUT)
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com