Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 972 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 972 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 968Page - Renesas Technology Corp 32186 Datasheet HTML 969Page - Renesas Technology Corp 32186 Datasheet HTML 970Page - Renesas Technology Corp 32186 Datasheet HTML 971Page - Renesas Technology Corp 32186 Datasheet HTML 972Page - Renesas Technology Corp 32186 Datasheet HTML 973Page - Renesas Technology Corp 32186 Datasheet HTML 974Page - Renesas Technology Corp 32186 Datasheet HTML 975Page - Renesas Technology Corp 32186 Datasheet HTML 976Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 972 / 1032 page
background image
23
ELECTRICAL CHARACTERISTICS
23-56
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(13) Read and write timing (4/4)
Symbol
Parameter
Rated Value
Unit
See Fig.
MIN
MAX
23.10.15
tw(WRL)
Write "L" Pulse Width
0 wait state:
ns
[68]
(byte enable mode)
-7
1-plus wait states:
(2W-C-S)-20
td(RDH-WRL) Write Delay Time after Read
tc(CLKOUT)(
+R+ID)-10
ns
[80]
(byte enable mode)
td(WRH-RDL) Read Delay Time after Write
0 wait state:
ns
[81]
(byte enable mode)
- 20
1-plus wait states:
tc(CLKOUT)(1+R+
)-20
td(CSL-WRL)
Chip Select Delay Time before Write
(1+S)-20
ns
[96]
(byte enable mode)
td(A-WRL)
Address Delay Time before Write
(1+C+S)-20
ns
[69]
(byte enable mode)
td(CS-WRL)
Chip Select Delay Time before Write
(1+S)-15
ns
[70]
(byte enable mode)
tv(WRH-A)
Address Valid Time after Write
0 wait state: -5
ns
[71]
(byte enable mode)
1-plus wait states:
tc(CLKOUT)(
+R) - 5
tv(WRH-CS)
Chip Select Valid Time after Write
0 wait state: -5
ns
[72]
(byte enable mode)
1-plus wait states:
tc(CLKOUT)(
+R) - 5
td(BLEL-WRL) Byte Enable Delay Time before Write
(1+S)-15
ns
[73]
td(BHEL-WRL) (byte enable mode)
tv(WRH-BLEL) Byte Enable Valid Time after Write
0 wait state: -5
ns
[74]
tv(WRH-BHEL) (byte enable mode)
1-plus wait states:
tc(CLKOUT)(
+R) - 5
td(WRL-D)
Data Output Delay Time after Write
0 wait state: 9
ns
[75]
(byte enable mode)
1-plus wait states:
15 -
(S+C)
tv(WRH-D)
Data Output Valid Time after Write
0 wait state : -7
ns
[76]
(byte enable mode)
1-plus wait states:
tc(CLKOUT)(
+R)-13
tpzx(WRH-DZ) Data Output Enable Time after Write
0 wait state:-20
ns
[127]
(byte enable mode)
1-plus wait states:
-22-
(S+C)
tpxz(WRH-DZ) Data Output Disable Time after Write
0 wait state: 5
ns
[77]
(byte enable mode)
1-plus wait states:
tc(CLKOUT)( +R) + 5
23.10 A.C. Characteristics (when VCCE = 3.3 V)
tc(CLKOUT)
2
1
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
tc(CLKOUT)
2
C+S
2
1
2
1
2
1
2
1
2
1+C+S
2
tc(CLKOUT)
2
tc(CLKOUT)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com