| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 1027 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 1027 Page - Renesas Technology Corp |
|
1027 / 1032 page ![]() SUMMARY OF PRECAUTIONS Appendix 4 Appendix 4-37 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 Appendix 4.16 Notes on Noise (3) Protection against signal lines that are the source of strong noise Do not use any pin that will probably be subject to strong noise for an adjacent port near the oscillator. If the pin can be left unused, set it for input and connect to GND via a resistor, or fix it to output and leave open. If the pin needs to be used, it is recommended that it be used for input-only. For protection against a still stronger noise source, set the adjacent port for input and connect to GND via a resistor, and use those that belong to the same port group as much for input-only as possible. If greater stability is required, do not use those that belong to the same port group and set them for input and connect to GND via a resistor. If they need to be used, insert a limiting resistor for protection against noise. <Reasons> If the ports or pins adjacent to the oscillator operate at high speed or are exposed to strong noise from an external source, noise may affect the oscillator circuit, causing its oscillation to become instable. Appendix Figure 4.16.8 Example Processing of a Noise-Laden Pin XIN XOUT Noise Fast switching Adjacent pin/peripheral pin (set for output) Oscillator External noise or switching noise Switching noise from an output pin applied directly to the port Noise Adjacent pin/peripheral pin (set for input) External noise from an input pin applied directly to the port |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |