Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1024 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1024 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 1020Page - Renesas Technology Corp 32186 Datasheet HTML 1021Page - Renesas Technology Corp 32186 Datasheet HTML 1022Page - Renesas Technology Corp 32186 Datasheet HTML 1023Page - Renesas Technology Corp 32186 Datasheet HTML 1024Page - Renesas Technology Corp 32186 Datasheet HTML 1025Page - Renesas Technology Corp 32186 Datasheet HTML 1026Page - Renesas Technology Corp 32186 Datasheet HTML 1027Page - Renesas Technology Corp 32186 Datasheet HTML 1028Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1024 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-34
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.16 Notes on Noise
Appendix 4.16.3 Processing Analog Input Pin Wiring
Insert a resistor of about 100 to 500
Ω in series to the analog signal line connecting to the analog input pin at a
position as close to the microcomputer as possible. Also, insert a capacitor of about 100 pF between the analog
input pin and AVSS pin at a position as close to the AVSS pin as possible.
<Reasons>
The signal fed into the analog input pin (e.g., A/D converter input pin) normally is an output signal from a
sensor. In many cases, a sensor to detect changes of event is located apart from the board on which the
microcomputer is mounted, so that wiring to the analog input pin is inevitably long. Because a long wiring
serves as an antenna which draws noise into the microcomputer, the signal fed into the analog input pin
tends to be noise-ridden. Furthermore, if the capacitor connected between the analog input pin and AVSS
pin is grounded at a position apart from the AVSS pin, noise riding on the ground line may penetrate into
the microcomputer via the capacitor.
Appendix Figure 4.16.5 Example of a Resistor and Capacitor Inserted for the Analog Signal Line
Appendix 4.16.2 Inserting a Bypass Capacitor between VSS and VCC Lines
Insert a bypass capacitor of about 0.1 µF between the VSS and VCC lines. At this time, make sure the require-
ments described below are met.
• The wiring length between the VSS pin and bypass capacitor and that between the VCC pin and bypass
capacitor are the same.
• The wiring length between the VSS pin and bypass capacitor and that between the VCC pin and bypass
capacitor are the shortest distance possible.
• The VSS and VCC lines have a greater wiring width than that of all other signal lines.
Appendix Figure 4.16.4 Example of a Bypass Capacitor Inserted between VSS and VCC Lines
VSS
VCC
Chip
Chip
VSS
VCC
VSS
VCC
Analog
input pin
AVSS
Sensor
Noise
Microcomputer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com