Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1022 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1022 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 1018Page - Renesas Technology Corp 32186 Datasheet HTML 1019Page - Renesas Technology Corp 32186 Datasheet HTML 1020Page - Renesas Technology Corp 32186 Datasheet HTML 1021Page - Renesas Technology Corp 32186 Datasheet HTML 1022Page - Renesas Technology Corp 32186 Datasheet HTML 1023Page - Renesas Technology Corp 32186 Datasheet HTML 1024Page - Renesas Technology Corp 32186 Datasheet HTML 1025Page - Renesas Technology Corp 32186 Datasheet HTML 1026Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1022 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-32
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.16 Notes on Noise
Appendix 4.16 Notes on Noise
The following describes precautions to be taken about noise and corrective measures against noise. The correc-
tive measures described here are theoretically effective for noise, but require that the application system incorpo-
rating those measures be fully evaluated before it can actually be put to use.
Appendix 4.16.1 Reduction of Wiring Length
Wiring on the board may serve as an antenna to draw noise into the microcomputer. Shorter the total wiring length,
the smaller the possibility of drawing noise into the microcomputer.
(1) Wiring of the RESET# pin
Reduce the length of wiring connecting to the RESET# pin. Especially when connecting a capacitor between
the RESET# and VSS pins, make sure it is wired to each pin in the shortest distance possible (within 20 mm).
<Reasons>
Reset is a function to initialize the internal logic of the microcomputer. The width of a pulse applied to the
RESET# pin is important and is therefore specified as part of timing requirements. If a pulse in width
shorter than the specified duration (i.e., noise) is applied to the RESET# pin, the microcomputer will not be
reset for a sufficient duration of time and come out of reset before its internal logic is fully initialized,
causing the program to malfunction.
Appendix Figure 4.16.1 Example Wiring of the RESET# Pin
Reset
circuit
VSS
RESET#
VSS
RESET#
VSS
Noise
Reset
circuit
VSS
Long wiring
Short wiring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com