Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 1021 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 1021 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 1017Page - Renesas Technology Corp 32186 Datasheet HTML 1018Page - Renesas Technology Corp 32186 Datasheet HTML 1019Page - Renesas Technology Corp 32186 Datasheet HTML 1020Page - Renesas Technology Corp 32186 Datasheet HTML 1021Page - Renesas Technology Corp 32186 Datasheet HTML 1022Page - Renesas Technology Corp 32186 Datasheet HTML 1023Page - Renesas Technology Corp 32186 Datasheet HTML 1024Page - Renesas Technology Corp 32186 Datasheet HTML 1025Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1032 page
background image
SUMMARY OF PRECAUTIONS
Appendix 4
Appendix 4-31
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Appendix 4.15 Notes on JTAG
M32R/ECU
JTDI
JTMS
JTCK
JTRST
User board
JTDO
VCCE(5V)
0–100k
Ω
0–100k
Ω
0–100k
Ω
0–100k
Ω
0–100k
Ω
Note: • Only if the JTRST pin is firmly tied to ground, the JTDO, JTDI, JTMS and JTCLK pins can be
processed by either pullup or pulldown.
Appendix 4.15.2 Processing Pins when Not Using JTAG
The following shows how the pins on the chip should be processed when not using JTAG tools.
Appendix Figure 4.15.2 Processing Pins when Not Using JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com