Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 227Page - Renesas Technology Corp 32186 Datasheet HTML 228Page - Renesas Technology Corp 32186 Datasheet HTML 229Page - Renesas Technology Corp 32186 Datasheet HTML 230Page - Renesas Technology Corp 32186 Datasheet HTML 231Page - Renesas Technology Corp 32186 Datasheet HTML 232Page - Renesas Technology Corp 32186 Datasheet HTML 233Page - Renesas Technology Corp 32186 Datasheet HTML 234Page - Renesas Technology Corp 32186 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1032 page
background image
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8
8-29
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
8.3.4 Port Input Special Function Control Register
Port Input Special Function Control Register (PICNT)
<Address: H’0080 0745>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–10
No function assigned. Fix to "0."
00
11
XSTAT
0: XIN oscillating
R(Note 1)
XIN oscillation status bit
1: XIN inactive
12, 13
No function assigned. Fix to "0."
00
14
PISEL
0: Content of port output latch
R
W
Port input data select bit
1: Port pin level
15
PIEN0
0: Disable input
R
W
Port input enable bit (Note 2)
1: Enable input
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
Note 2: After switching from output mode to input mode in the Port Direction Register, or after setting port input enable (PIEN0) bit to
"1" (input enable), pin level can be read after 2BCLK period.
(1) XSTAT (XIN oscillation status) bit (Bit 11)
• Conditions under which XSTAT bit is set to "1"
XSTAT bit is set to "1" upon detecting that XIN oscillation has stopped. When XIN remains at the same level for
a predetermined time (3 BCLK periods up to 4 BCLK periods) on the basis of threshold, XIN oscillation is as-
sumed to have stopped. When operating normally, XIN changes state ("H" or "L") once every BCLK period.
• Conditions under which XSTAT bit is cleared to "0"
XSTAT bit is cleared to "0" by a system reset or by writing "0." If XSTAT bit is cleared at the same time it is
set XSTAT to "1" in above mentioned, the former has priority. Writing "1" to XSTAT bit is ignored.
• Method for using XSTAT bit to detect XIN oscillation stoppage
Because the M32R/ECU internally contains a PLL, the internal clock remains active even when XIN
oscillation has stopped.
By reading XSTAT bit without clearing it once after exiting the reset state, it is possible to know whether
XIN has ever stopped since the reset signal was deasserted. Similarly, by reading XSTAT after clearing it
by writing "0," it is possible to know the current oscillating status of XIN. However, there must be an
interval of at least 5 BCLK periods (20 CPU clock periods) between read and write.
Pay attention about processing when XSTAT bit is set to "1," make double check after clearing XSTAT bit etc.
8.3 Input/Output Port Related Registers
b8
9
1011121314
b15
XSTAT
PISEL
PIEN0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com