Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 231Page - Renesas Technology Corp 32186 Datasheet HTML 232Page - Renesas Technology Corp 32186 Datasheet HTML 233Page - Renesas Technology Corp 32186 Datasheet HTML 234Page - Renesas Technology Corp 32186 Datasheet HTML 235Page - Renesas Technology Corp 32186 Datasheet HTML 236Page - Renesas Technology Corp 32186 Datasheet HTML 237Page - Renesas Technology Corp 32186 Datasheet HTML 238Page - Renesas Technology Corp 32186 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 1032 page
background image
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8
8-33
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
8.4 Port Input Level Switching Function
Port Group 0,1 Input Level Setting Register (PG01LEV)
<Address: H’0080 0500>
Port Group 3 Input Level Setting Register (PG3LEV)
<Address: H’0080 0501>
Note: • The PG3LEV register bits 8–11 have no functions assigned.
Port Group 4,5 Input Level Setting Register (PG45LEV)
<Address: H’0080 0502>
Port Group 6,7 Input Level Setting Register (PG67LEV)
<Address: H’0080 0503>
Port Group 8 Input Level Setting Register (PG8LEV)
<Address: H’0080 0504>
Note: • The PG8LEV register bits 4–7 have no functions assigned.
b8
9
10
11121314
b15
WF3SEL
PT3SEL
VT3SEL0
VT3SEL1
000
00001
b0
12
3456
b7
WF0SEL
PT0SEL
VT0SEL0
VT0SEL1
WF1SEL
PT1SEL
VT1SEL0
VT1SEL1
000
10001
b0
12
3456
b7
WF4SEL
PT4SEL
VT4SEL0
VT4SEL1
WF5SEL
PT5SEL
VT5SEL0
VT5SEL1
000
10001
b8
9
10
11121314
b15
WF6SEL
PT6SEL
VT6SEL0
VT6SEL1
WF7SEL
PT7SEL
VT7SEL0
VT7SEL1
000
10001
b0
12
3456
b7
WF8SEL
PT8SEL
VT8SEL0
VT8SEL1
000
10000
<Upon exiting reset: :H'11, H'01, H'10> (Note 2)
b
Bit Name
Function
R
W
0(4)
WFnSEL (Note 1)
0: Select standard input for each pin
R
W
8(12)
Group n dual-function input select bit
1: Select threshold switching function
1-3
PTnSEL
000 : FInput CMOS, Select 0.35VCCE
R
W
(9 – 11)
(Group n port input select bit )
001 : Input CMOS, Select 0.50VCCE
VTnSEL0, VTnSEL1
010 : Input CMOS, Select 0.70VCCE
(Group n input threshold select bit)
011 : Settings inhibited
100 : Schmitt input , VT += 0.50VCCE, VT -= 0.35VCCE
101 : Settings inhibited
110 : Schmitt input , VT += 0.70VCCE, VT -= 0.35VCCE
111 : Schmitt input , VT += 0.70VCCE, VT -= 0.50VCCE
4(12)
WFnSEL (Note 1)
0: Select standard input for each pin
R
W
Group n dual-function input select bit
1: Select threshold switching function
5 – 7
PTnSEL
000 : Input CMOS, Select 0.35VCCE
R
W
(13 – 15) (Group n port input select bit)
001 : Input CMOS, Select 0.50VCCE
VTnSEL0, VTnSEL1
010 : Input CMOS, Select 0.70VCCE
(Group n input threshold select bit)
011 : Settings inhibited
100 : Schmitt input , VT += 0.50VCCE, AVT -= 0.35VCCE
101 : Settings inhibited
110 : Schmitt input , VT += 0.70VCCE, AVT -= 0.35VCCE
111 : Schmitt input , VT += 0.70VCCE, AVT -= 0.50VCCE
Note 1: When the multipurpose port function pin is selected (Set bit corresponding Px operation mode register(PxMOD) to "0."),
setting value for WFnSEL is invalid and threshold switch function is effective.
Note 2: Upon exiting reset, VTnSEL1 bit value is "1" and the other bit is set to "0."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com