Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 234Page - Renesas Technology Corp 32186 Datasheet HTML 235Page - Renesas Technology Corp 32186 Datasheet HTML 236Page - Renesas Technology Corp 32186 Datasheet HTML 237Page - Renesas Technology Corp 32186 Datasheet HTML 238Page - Renesas Technology Corp 32186 Datasheet HTML 239Page - Renesas Technology Corp 32186 Datasheet HTML 240Page - Renesas Technology Corp 32186 Datasheet HTML 241Page - Renesas Technology Corp 32186 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 1032 page
background image
8
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8-36
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–12
No function assigned. Fix to "0."
00
13
P70DSELEN (Note 1)
0: Disable setting
R
W
P70 output drive capability setting enable bit
1: Enable setting
14, 15
P70DSEL (Note 2)(Note 3)
00: 25%
low
R
W
P70 output drive capability setting bit
01: 50%
10: 75%
11: 100%
high
Note 1: Setting this bit to "0" nullifies settings made to this register, so that the drive capability set by the Group 0,1 Output Drive
Capability Setting Register is assumed.
When this bit is set to "1," settings of the Group 0,1 Output Drive Capability Setting Register have no effect and the drive
capability is controlled by the P70DSEL bit.
Note 2: This bit selects the drive capability of the P70/CLKOUT/WR#/BCLK pin. For settings of this bit to take effect, the P70DSELEN
bit must be set to "1."
Note 3: The 50% drive capability is equivalent to that of the M32R/ECU series without the port output drive capability setting function.
Note : • For the pins other than the P70/CLKOUT/WR#/BCLK pin, the drive capability can be set by using the Port Group Output Drive
Capability Setting Registers. Note that 50% of GnDSEL and 50% of P70DSEL drive capabilities are equivalent.
P70 Output Drive Capability Setting Register (P70DRV)
<Address: H'0080 050D>
b8
9
10
11121314
b15
P70DSELEN
P70DSEL
000000
0
0
8.5 Port Output Drive Capability Setting Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com