Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 237Page - Renesas Technology Corp 32186 Datasheet HTML 238Page - Renesas Technology Corp 32186 Datasheet HTML 239Page - Renesas Technology Corp 32186 Datasheet HTML 240Page - Renesas Technology Corp 32186 Datasheet HTML 241Page - Renesas Technology Corp 32186 Datasheet HTML 242Page - Renesas Technology Corp 32186 Datasheet HTML 243Page - Renesas Technology Corp 32186 Datasheet HTML 244Page - Renesas Technology Corp 32186 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1032 page
background image
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8
8-39
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
8.7 Port Peripheral Circuits
Figures 8.7.1 through 8.7.5 show the peripheral circuit diagrams of the input/output ports described in the pre-
ceding pages.
Figure 8.7.1 Port Peripheral Circuit Diagram (1)
Note 1: For details about the port level switching function, see Section 8.4, "Port Input Level Switching Function."
Note 2: The standard input level of TIN4-TIN11,TIN30-TIN33 is peripheral TTL.
Note 3: "H" level is entered to the peripheral function input when it is set to the general-purpose port in the operation
mode register.
Notes: • During external extension and processor modes, P20-P27, P41-P43, P224 and P225 are
external bus interface control signal pins, but their functional description in this block diagram is omitted.
• The circle denotes a pin.
• The symbol
denotes a parasitic diode. Make sure the voltage applied to each pin does not exceed
the VCCE or VCC-BUS voltage.
• The input capacitance of each pin is approximately 10 pF.
• The logic of peripheral function select register for P83, P86, P124, P125, P126, P127, P134, P137, P150,
P175 are reversal, but it is not mentioned in this clock diagram.
• DRI relative pin is not mentioned in this clock diagram.
P20
−P27(A23/DD24−A30/DD31)
P41(BLW#/BLE#)
P42(BHW#/BHE#)
P43(RD#)
P61
−P63
P225(A12/CS3#)
P224(A11/CS2#)
P30(A15/TIN4/DD16)
P31(A16/TIN5/DD17)
P32(A17/TIN6/DD18)
P33(A18/TIN7/DD19)
P34(A19/TIN30/DD20)
P35(A20/TIN31/DD21)
P36(A21/TIN32/DD22)
P37(A22/TIN33/DD23)
P44(CS0#/TIN8)
P45(CS1#/TIN9)
P46(A13/TIN10)
P47(A14/TIN11)
P73(HACK#/TIN26)
P83(RXD0/TO25)
P86(RXD1/TO22)
P95(TO18/RXD5/DD14)
P101(TO9/CRX0)
P103(TO11/TIN24)
P104(TO12/TIN25/DD3)
P107(TO15/RXD4/DD0)
P124(TCLK0/A9/DD3)
P125(TCLK1/A10/DD2)
P126(TCLK2/CS2#/DD1)
P127(TCLK3/CS3#/DD0)
P134(TIN20/TXD3/DIN4)
P137(TIN23/CTX1)
P150(TIN0/CLKOUT/WR#)
P175(RXD2/TO27)
Port input data selection
Data bus
Port output latch
Input function
enable
Direction register
Data bus
Direction register
Port output latch
Peripheral function
output
Operation mode register
Peripheral function
select register
Peripheral function
input (Note 3)
Port input level
switching function
(Standard:
no peripheral input)
(Note 1)
(Note 1) (Note 2)
Port input data selection
Port input level
switching function
(Standard:
peripheral schmitt)
Input function
enable
8.7 Port Peripheral Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com