Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 241Page - Renesas Technology Corp 32186 Datasheet HTML 242Page - Renesas Technology Corp 32186 Datasheet HTML 243Page - Renesas Technology Corp 32186 Datasheet HTML 244Page - Renesas Technology Corp 32186 Datasheet HTML 245Page - Renesas Technology Corp 32186 Datasheet HTML 246Page - Renesas Technology Corp 32186 Datasheet HTML 247Page - Renesas Technology Corp 32186 Datasheet HTML 248Page - Renesas Technology Corp 32186 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1032 page
background image
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8
8-43
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 8.7.5 Port Peripheral Circuit Diagram (5)
Notes: • The circle denotes a pin.
• The symbol
denotes a parasitic diode. Make sure the voltage applied to each pin does not exceed
the VCCE or VCC-BUS voltage.
• The input capacitance of each pin is approximately 10 pF.
JTCK/NBDCLK
MOD0
MOD1
MOD2
RESET#
XIN
JTRST
JTMS
JTDI/NBDSYNC#
FP
AD0IN0-AD0IN15
VREF0
XOUT
VCC-BUS
VCCE
VDDE
AVCC0
VCCER
EXCVCC
EXCVDD
JTDO/NBDEVNT#
JTCK/NBDCLK
MOD0, MOD1, MOD2,
FP,RESET#,XIN,
JTRST, JTMS
JTDI/NBDSYNC#
AD0IN0-AD0IN15,
VREF0, XOUT
VCC-BUS, VCCE,
VDDE, AVCC0
VCCER, EXCVCC,
EXCVDD
JTDO/NBDEVNT#
8.7 Port Peripheral Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com