Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 244Page - Renesas Technology Corp 32186 Datasheet HTML 245Page - Renesas Technology Corp 32186 Datasheet HTML 246Page - Renesas Technology Corp 32186 Datasheet HTML 247Page - Renesas Technology Corp 32186 Datasheet HTML 248Page - Renesas Technology Corp 32186 Datasheet HTML 249Page - Renesas Technology Corp 32186 Datasheet HTML 250Page - Renesas Technology Corp 32186 Datasheet HTML 251Page - Renesas Technology Corp 32186 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 1032 page
background image
DMAC
9
9-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.1 Outline of DMAC
The 32185/32186 group internally contains a 10-channel DMAC (Direction Memory Access Controller). It
allows data to be transferred at high speed between internal peripheral I/Os, between internal RAM and internal
peripheral I/O, or between internal RAMs, as initiated by a software trigger or requested from an internal
peripheral I/O.
Table 9.1.1 Outline of the DMAC
Item
Description
Number of channels
10 channels
Transfer request sources • Software trigger
• Request from internal peripheral I/Os: A/D converter, multijunction timer, serial interface
(reception completed, transmit buffer empty), CAN or DRI
• DMA channels can be cascaded (Note 1)
Maximum number of
65,536 times
times transferred
Transferable address
• 32185: 48 Kbytes (address space from H'0080 0000 to H'0080 BFFF)
space (Note 2)
• 32186: 64 Kbytes + 16 Kbytes (address space from H’0080 0000 to H’0081 3FFF)
• Transfers between internal peripheral I/Os, between internal RAM and internal peripheral I/O, and
between internal RAMs are supported.
Transfer data size
16 or 8 bits
Transfer method
Single transfer DMA (control of the internal bus is relinquished for each transfer performed), dual-
address transfer
Transfer mode
Single transfer mode
Direction of transfer
One of three modes can be selected for the source and destination:
• Address fixed
• Address incremental
• Ring buffered (can be selected from 32, 16, 8, 4 or 2 times)
Channel priority
DMA0 > DMA1 > DMA2 > DMA3 > DMA4 > DMA5 > DMA6 > DMA7 > DMA8 > DMA9
(Priority is fixed)
Maximum transfer rate
13.3 Mbytes per second (when internal peripheral clock BCLK = 20 MHz)
Interrupt request
Group interrupt request can be generated when each transfer count register underflows.
Transfer area (Note 2)
32185: 48 Kbytes from H'0080 0000 to H'0080 BFFF
32186: 64 Kbytes + 16 Kbytes from H’0080 0000 to H’0081 3FFF
(Transferable in the entire RAM/SFR area)
Note 1: The DMA channels can be cascaded in the manner described below.
• Start DMA transfer on DMA1 upon completion of one DMA transfer on DMA0
• Start DMA transfer on DMA5 upon completion of all DMA transfers on DMA0 (upon underflow of the transfer count
register)
• Start DMA transfer on DMA2 upon completion of one DMA transfer on DMA1
• Start DMA transfer on DMA0 upon completion of one DMA transfer on DMA2
• Start DMA transfer on DMA3 upon completion of one DMA transfer on DMA2
• Start DMA transfer on DMA4 upon completion of one DMA transfer on DMA3
• Start DMA transfer on DMA6 upon completion of one DMA transfer on DMA5
• Start DMA transfer on DMA7 upon completion of one DMA transfer on DMA6
• Start DMA transfer on DMA5 upon completion of one DMA transfer on DMA7
• Start DMA transfer on DMA8 upon completion of one DMA transfer on DMA7
• Start DMA transfer on DMA9 upon completion of one DMA transfer on DMA8
Note 2: The source address and destination address cannot go over the bank, which can be only transferred to the same
bank or another one from a certain bank.
9.1 Outline of DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com