Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 240Page - Renesas Technology Corp 32186 Datasheet HTML 241Page - Renesas Technology Corp 32186 Datasheet HTML 242Page - Renesas Technology Corp 32186 Datasheet HTML 243Page - Renesas Technology Corp 32186 Datasheet HTML 244Page - Renesas Technology Corp 32186 Datasheet HTML 245Page - Renesas Technology Corp 32186 Datasheet HTML 246Page - Renesas Technology Corp 32186 Datasheet HTML 247Page - Renesas Technology Corp 32186 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 1032 page
background image
8
INPUT/OUTPUT PORTS AND PIN FUNCTIONS
8-42
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
8.7 Port Peripheral Circuits
Figure 8.7.4 Port Peripheral Circuit Diagram (4)
P70(CLKOUT/WR#/BCLK)
P74(RTDTXD/TXD3/NBDD0)
P76(RTDACK/CTX1/NBDD2)
P82(TXD0/TO26)
P85(TXD1/TO23)
P94(TO17/TXD5/DD15)
P102(TO10/CTX0)
P106(TO14/TXD4/DD1)
P110 - P117(TO0/TO29/DD11
-TO8/TO36/DD4)
P174(TXD2/TO28)
P220(CTX0/HACK#)
P221(CRX0/HREQ#)
P72(HREQ#/TIN27)
P75(RTDRXD/RXD3/NBDD1)
P77(RTDCLK/CRX1/NBDD3)
P135(TIN21/RXD3)
P136(TIN22/CRX1)
P153(TIN3/WAIT#)
Port input data selection
Data bus
Peripheral function input 2 (Note 4)
Peripheral function input 1 (Note 4)
Peripheral function input 2 (Note 4)
Peripheral function input 1 (Note 4)
Peripheral function input 2
Peripheral function input 1
Port input data selection
Direction register
Port output latch
Data bus
Data bus
Operation mode register
Peripheral function
select register
Input function
enable
(Note 1) (Note 2)
Port input level
switching function
(Standard:
peripheral schmitt)
Operation mode register
Peripheral function
select register
Input function
enable
(Note 1) (Note 3)
Port input level
switching function
(Standard:
peripheral schmitt)
Note 1: For details about the port level switching function, see Section 8.4, "Port Input Level Switching Function."
Note 2: The standard input level of WAIT# is peripheral TTL.
Note 3: There is no standard input level in P70, P82, P85, P94, P102, P106, P110-P117, P174, and P220.
Note 4: "H" level is entered to the peripheral function input when it is set to the general-purpose port inthe operation
mode register.
Notes: • The circle denotes a pin.
• The symbol
denotes a parasitic diode. Make sure the voltage applied to each pin does not exceed
the VCCE or VCC-BUS voltage.
• The input capacitance of each pin is approximately 10 pF.
Operation mode register
Peripheral function
select register
Input function
enable
(Note 1)
Port input level
switching function
(Standard:
peripheral schmitt)
Port input data selection
Direction register
Port output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com