Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 257Page - Renesas Technology Corp 32186 Datasheet HTML 258Page - Renesas Technology Corp 32186 Datasheet HTML 259Page - Renesas Technology Corp 32186 Datasheet HTML 260Page - Renesas Technology Corp 32186 Datasheet HTML 261Page - Renesas Technology Corp 32186 Datasheet HTML 262Page - Renesas Technology Corp 32186 Datasheet HTML 263Page - Renesas Technology Corp 32186 Datasheet HTML 264Page - Renesas Technology Corp 32186 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1032 page
background image
DMAC
9
9-15
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.2 DMAC Related Registers
DMA4 Channel Control Register 1 (DM4CNT1)
<Address: H’0080 0451>
9
1011121314
b15
b8
REQESEL4
00000000
SADBN4
DADBN4
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8, 9
SADBN4
00: Bank 0 (A14=0, A15=0)
R
W
Source address bank select bit
01: Bank 1 (A14=0, A15=1)
(Note 1) (Note 2)
10: Settings inhibited
11: Settings inhibited
10, 11
DADBN4
00: Bank 0 (A14=0, A15=0)
R
W
Destination address bank select bit
01: Bank 1 (A14=0, A15=1)
(Note 1) (Note 2)
10: Settings inhibited
11: Settings inhibited
12–15
REQESEL4
0000: MJT(TIN19S)
R
W
Extended DMA4 transfer request source select bit
0001: SIO0_TXD (transmit buffer empty)
0010: MJT(TOU1_7irq)
0011: Common 1) MJT (input event bus 1)
0100: Common 2) MJT (input event bus 3)
0101: Common 3) MJT (output event bus 2)
0110: Common 4) MJT (output event bus 3)
0111: Common 5) AD0 conversion completed
1000: Common 6) MJT (TIN0S)
1001: Common 7) MJT (TIO8_udf)
1010: Common 8) MJT (TIN30S)
1011: Common 9) MJT (TIO9_udf)
1100: Common 10) Settings inhibited
1101: MJT (TIN7S)
1110: DRI (DIN4)
1111: Settings inhibited
Note 1: No transfer over the bank is possible. Even when the address is incremented at the breakpoint of the bank and the
source/destination addresses go over the bank, the source address bank select/destination address bank select bits are
not incremented, and the bank head corresponds to the source address/destination address.
Note 2: Because Bank1 does not exist in the 32185, setting Bank1 (A14=0, A15=1) is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com