Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 294Page - Renesas Technology Corp 32186 Datasheet HTML 295Page - Renesas Technology Corp 32186 Datasheet HTML 296Page - Renesas Technology Corp 32186 Datasheet HTML 297Page - Renesas Technology Corp 32186 Datasheet HTML 298Page - Renesas Technology Corp 32186 Datasheet HTML 299Page - Renesas Technology Corp 32186 Datasheet HTML 300Page - Renesas Technology Corp 32186 Datasheet HTML 301Page - Renesas Technology Corp 32186 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.1 Outline of Multijunction Timers
The multijunction timers (abbreviated MJT) have input event and output event buses. Therefore, in addition to
being used as a single unit, the timers can be internally connected to each other. This capability allows for highly
flexible timer configuration, making it possible to meet various application needs. It is because the timers are
connected to the internal event buses at multiple points that they are called the “multijunction” timers.
The 32185/32186 has six types of MJT as listed in the table below, providing a total of 55-channel timers.
Table 10.1.1 Outline of MJT
Name
Type
No. of Channels
Description
TOP
Output-related
11
One of three output modes can be selected by software.
(Timer
16-bit timer
<With correction function>
Output)
(down-counter)
• Single-shot output mode
• Delayed single-shot output mode
<Without correction function>
• Continuous output mode
TIO
Input/output-related
10
One of three input modes or four output modes can be selected
(Timer
16-bit timer
by software.
Input
(down-counter)
<Input modes>
Output)
• Measure clear input mode
• Measure free-run input mode
• Noise processing input mode
<Output modes without correction function>
• PWM output mode
• Single-shot output mode
• Delayed single-shot output mode
• Continuous output mode
TMS
Input-related
8
16-bit input measure timer
(Timer
16-bit timer
Measure
(up-counter)
Small)
TML
Input-related
8
32-bit input measure timer
(Timer
32-bit timer
Measure
(up-counter)
Large)
TID
Input-related
2
One of four input modes can be selected by software.
(Timer
16-bit timer
• Fixed period mode
Input
(up/down-counter))
• Event count mode
Derivation)
• Multiply-by-4 event count mode
• Up/down event count mode
TOU
Output-related
16
One of five output modes can be selected by software.
(Timer
24-bit timer
<Without correction function>
Output
(down-counter)
• PWM output mode
Unification)
(16-bit timer during
• Single-shot PWM output mode
PWM output and
• Delayed single-shot output mode
single-shot PWM
• Single-shot output mode
output modes)
• Continuous output mode
10.1 Outline of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com