Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 290Page - Renesas Technology Corp 32186 Datasheet HTML 291Page - Renesas Technology Corp 32186 Datasheet HTML 292Page - Renesas Technology Corp 32186 Datasheet HTML 293Page - Renesas Technology Corp 32186 Datasheet HTML 294Page - Renesas Technology Corp 32186 Datasheet HTML 295Page - Renesas Technology Corp 32186 Datasheet HTML 296Page - Renesas Technology Corp 32186 Datasheet HTML 297Page - Renesas Technology Corp 32186 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 1032 page
background image
DMAC
9
9-48
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.3 Functional Description of DMAC
Figure 9.3.4 Example of How Addresses Are Incremented in 32-channel Ring Buffer Mode
9.3.10 End of DMA and Interrupt
In normal mode, DMA transfer is terminated by an underflow of the transfer count register. When transfer
finishes, the transfer enable bit is cleared to "0" and transfers are thereby disabled. Also, an interrupt
request is generated at completion of transfer. However, if interrupt requests on any channel have been
masked by the DMA Interrupt Request Mask Register, no interrupt requests are generated on that channel.
During ring buffer mode, the transfer count register operates in free-run mode, and transfer continues until
the transfer enable bit is cleared to "0" (to disable transfer). In this case, therefore, no interrupt requests
are generated at completion of DMA transfer. Nor are these DMA transfer-completed interrupt requests
generated even when transfer in ring buffer mode is terminated by clearing the transfer enable bit.
9.3.11 Each Register Status after Completion of DMA Transfer
When DMA transfer is completed, the status of the source and destination address registers becomes as
follows:
(1) Address fixed
• The values set in the address registers before DMA transfer started remain intact (fixed).
(2) Address incremental
• For 8-bit transfer, the values of the address registers are the last transfer address + 1.
• For 16-bit transfer, the values of the address registers are the last transfer address + 2.
The transfer count register at completion of DMA transfer is in an underflow state (H’FFFF). Therefore,
before another DMA transfer can be performed, the transfer count register must be set newly again, except
when trying to perform transfers 65,536 times (H’FFFF).
<When transfer size = 8 bits>
Transfer count
Transfer address
1
H'0080 1000
2
H'0080 1001
3
H'0080 1002
31
H'0080 101E
32
H'0080 101F
↓
↓
↓
↓
1
H'0080 1000
2
H'0080 1001
<When transfer size = 16 bits>
Transfer count
Transfer address
1
H'0080 1000
2
H'0080 1002
3
H'0080 1004
31
H'0080 103C
32
H'0080 103E
1
H'0080 1000
2
H'0080 1002
|
|
|
|
|
|
|
|
If the source address has been set to be incremented, it is the source address that recycles to the start
address; if the destination address has been set to be incremented, it is the destination address that
recycles to the start address. If both source and destination addresses have been set to be incremented,
both addresses recycle to the start address. However, the start address on either side must have their five
low-order bits initially set to B’00000 (if transfer size = 16 bits, the six low-order bits must be B’000000).
During ring buffer mode, the transfer count register is ignored. Once DMA operation starts, the counter
operates in free-run mode, and the transfer continues until the transfer enable bit is cleared to "0" (to
disable transfer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com