Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 287Page - Renesas Technology Corp 32186 Datasheet HTML 288Page - Renesas Technology Corp 32186 Datasheet HTML 289Page - Renesas Technology Corp 32186 Datasheet HTML 290Page - Renesas Technology Corp 32186 Datasheet HTML 291Page - Renesas Technology Corp 32186 Datasheet HTML 292Page - Renesas Technology Corp 32186 Datasheet HTML 293Page - Renesas Technology Corp 32186 Datasheet HTML 294Page - Renesas Technology Corp 32186 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 1032 page
background image
DMAC
9
9-45
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 9.3.2 Gaining and Releasing Control of the Internal Bus
One DMA transfer
DMAC
CPU
Internal bus arbitration
(requests from the DMAC)
Internal bus
R: Read
W: Write
RW
RW
RW
Requested
Gained
Requested
Gained
Requested
Gained
One DMA transfer
One DMA transfer
Released
Released
Released
9.3 Functional Description of DMAC
9.3.3 Starting DMA
Use the DMAn Channel Control Register 0 REQSL (DMA transfer request source select) and DMAn Chan-
nel Control Register 1 REQESEL (extended DMA transfer request source select) bits to set the cause or
source of DMA transfer request. To enable DMA, set the TENL (DMA transfer enable) bit to "1." DMA
transfer begins when the specified cause or source of DMA transfer request becomes effective after set-
ting the TENL (DMA transfer enable) bit to "1."
Note: • If the transfer request source selected by the REQSL (DMA transfer request source select) and
REQESEL (extended DMA transfer request source select) bits is MJT (TIN input signal), the time
required for DMA transfer to begin after detecting the rising or falling or both edges of the TIN
input signal is three cycles (150 ns when the internal peripheral clock = 20 MHz) at the shortest.
Or, depending on the preceding or following bus usage condition, up to five cycles (250 ns when
the internal peripheral clock = 20 MHz) may be required. (However, this applies when the external
bus, HOLD and the LOCK instruction all are unused.)
To ensure that changes of the TIN input signal state will be detected correctly, make sure the TIN input
signal is held active for a duration of more than 7tc (BCLK)/2. (For details, see Chapter 23 ELECTRI-
CAL CHARACTERISTICS)
9.3.4 DMA Channel Priority
DMA0 has the highest priority. The priority of this and other channels is shown below.
DMA0 > DMA1 > DMA2 > DMA3 > DMA4 > DMA5 > DMA6 > DMA7 > DMA8 > DMA9
This order of priority is fixed and cannot be changed. Among channels on which DMA transfer is re-
quested, the channel that has the highest priority is selected.
9.3.5 Gaining and Releasing Control of Internal Bus
For any channel, control of the internal bus is gained and released in “single transfer DMA” mode. In single
transfer DMA, the DMAC gains control of the internal bus (in one peripheral clock cycle) when DMA trans-
fer request is accepted and after executing one DMA transfer (in one read and one write peripheral clock
cycle), returns bus control to the CPU. The diagram below shows the operation in single transfer DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com