| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 287 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 287 Page - Renesas Technology Corp |
|
287 / 1032 page ![]() DMAC 9 9-41 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 Table 9.3.6 DMA Transfer Request Sources and Generation Timings on DMA5 REQSL5 DMA Transfer Request Source DMA Transfer Request Generation Timing 0 0 Software start or one DMA7 When any data is written to the DMA5 Software Request Generation Register transfer completed or when one DMA7 transfer is completed (cascade mode) 0 1 All DMA0 transfers completed When all DMA0 transfers are completed (cascade mode) 1 0 SIO2_RXD (reception completed) When SIO2 reception is completed 1 1 Extended DMA5 transfer request The source selected by the DMA5 Channel Control Register 1 source selected (DM5CNT1) REQESEL5 bits (see below) REQESEL5 DMA Transfer Request Source DMA Transfer Request Generation Timing 0000 MJT (TIN20S) When MJT TIN20 input signal is generated 0001 MJT (TOU0_0irq) MJT TOU0_0 interrupt source 0010 Settings inhibited – 0011 Common 1) MJT (input event bus 1) When MJT input event bus 1 signal is generated 0100 Common 2) MJT (input event bus 3) When MJT input event bus 3 signal is generated 0101 Common 3) MJT (output event bus 2) When MJT output event bus 2 signal is generated 0110 Common 4) MJT (output event bus 3) When MJT output event bus 3 signal is generated 0111 Common 5) A/D0 conversion completed When A/D0 conversion is completed 1000 Common 6) MJT (TIN0S) When MJT TIN0 input signal is generated 1001 Common 7) MJT (TIO8_udf) When MJT TIO8 underflow occurs 1010 Common 8) MJT (TIN30S) When MJT TIN30 input signal is generated 1011 Common 9) MJT (TIO9_udf) When MJT TIO9 underflow occurs 1100 Common 10) Settings inhibited – 1101 MJT (TIN8S) When MJT TIN8 input signal is generated 1110 DRI (DEC0_udf) When DRI DEC0 underflow occurs 1111 CAN1_S0/S31 When CAN1 slot 0 transmission failed or slot 31 transmission/reception finished Table 9.3.7 DMA Transfer Request Sources and Generation Timings on DMA6 REQSL6 DMA Transfer Request Source DMA Transfer Request Generation Timing 0 0 Software start When any data is written to the DMA6 Software Request Generation Register 0 1 SIO1_TXD (transmit buffer empty) When SIO1 transmit buffer is empty 1 0 CAN0_S0/S31 When CAN0 slot 0 transmission failed or slot 31 transmission/reception finished 1 1 Extended DMA6 transfer request The source selected by the DMA6 Channel Control Register 1 source selected (DM6CNT1) REQESEL6 bits (see below) REQESEL6 DMA Transfer Request Source DMA Transfer Request Generation Timing 0000 One DMA5 transfer completed When one DMA5 transfer is completed (cascade mode) 0001 MJT (TOU0_1irq) MJT TOU0_1 interrupt source 0010 SIO1_RXD (reception completed) When SIO1 reception is completed 0011 Common 1) MJT (input event bus 1) When MJT input event bus 1 signal is generated 0100 Common 2) MJT (input event bus 3) When MJT input event bus 3 signal is generated 0101 Common 3) MJT (output event bus 2) When MJT output event bus 2 signal is generated 0110 Common 4) MJT (output event bus 3) When MJT output event bus 3 signal is generated 0111 Common 5) A/D0 conversion completed When A/D0 conversion is completed 1000 Common 6) MJT (TIN0S) When MJT TIN0 input signal is generated 1001 Common 7) MJT (TIO8_udf) When MJT TIO8 underflow occurs 1010 Common 8) MJT (TIN30S) When MJT TIN30 input signal is generated 1011 Common 9) MJT (TIO9_udf) When MJT TIO9 underflow occurs 1100 Common 10) Settings inhibited – 1101 DRI address counter 0 transfer completed When DRI address counter 0 transfer completed 1110 DRI (DEC1_udf) When DRI DEC1 underflow occurs 1111 Settings inhibited – 9.3 Functional Description of DMAC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |