Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 281Page - Renesas Technology Corp 32186 Datasheet HTML 282Page - Renesas Technology Corp 32186 Datasheet HTML 283Page - Renesas Technology Corp 32186 Datasheet HTML 284Page - Renesas Technology Corp 32186 Datasheet HTML 285Page - Renesas Technology Corp 32186 Datasheet HTML 286Page - Renesas Technology Corp 32186 Datasheet HTML 287Page - Renesas Technology Corp 32186 Datasheet HTML 288Page - Renesas Technology Corp 32186 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 1032 page
background image
DMAC
9
9-39
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Table 9.3.2 DMA Transfer Request Sources and Generation Timings on DMA1
REQSL1
DMA Transfer Request Source
DMA Transfer Request Generation Timing
0
0
Software start
When any data is written to the DMA1 Software Request Generation Register
0
1
MJT (output event bus 0)
When MJT output event bus 0 signal is generated
1
0
Settings inhibited
–
1
1
Extended DMA1 transfer request
The source selected by the DMA1 Channel Control Register 1
source selected
(DM1CNT1) REQESEL1 bits (see below)
REQESEL1 DMA Transfer Request Source
DMA Transfer Request Generation Timing
0000
One DMA0 transfer completed
When one DMA0 transfer is completed (cascade mode)
0001
MJT (TIN3S)
When MJT TIN3 input signal is generated
0010
MJT (TID1_udf/ovf)
When MJT TID1 underflow/overflow occurs
0011
Common 1) MJT (input event bus 1)
When MJT input event bus 1 signal is generated
0100
Common 2) MJT (input event bus 3)
When MJT input event bus 3 signal is generated
0101
Common 3) MJT (output event bus 2)
When MJT output event bus 2 signal is generated
0110
Common 4) MJT (output event bus 3)
When MJT output event bus 3 signal is generated
0111
Common 5) A/D0 conversion completed
When A/D0 conversion is completed
1000
Common 6) MJT (TIN0S)
When MJT TIN0 input signal is generated
1001
Common 7) MJT (TIO8_udf)
When MJT TIO8 underflow occurs
1010
Common 8) MJT (TIN30S)
When MJT TIN30 input signal is generated
1011
Common 9) MJT (TIO9_udf)
When MJT TIO9 underflow occurs
1100
Common 10) Settings inhibited
–
1101
MJT (TOU1_1irq)
When TOU1_1 interrupt request is generated
1110
DRI (DIN1)
When DRI DIN1 event detection interrupt is generated
1111
SIO4_RXD (reception completed)
When SIO4 reception-completed interrupt is generated
Table 9.3.3 DMA Transfer Request Sources and Generation Timings on DMA2
REQSL2
DMA Transfer Request Source
DMA Transfer Request Generation Timing
0
0
Software start
When any data is written to the DMA2 Software Request Generation Register
0
1
MJT (output event bus 1)
When MJT output event bus 1 signal is generated
1
0
MJT (TIN18S)
When MJT TIN18 input signal is generated
1
1
Extended DMA2 transfer request
The source selected by the DMA2 Channel Control Register 1
source selected
(DM2CNT1) REQESEL2 bits (see below)
REQESEL2 DMA Transfer Request Source
DMA Transfer Request Generation Timing
0000
One DMA1 transfer completed
When one DMA1 transfer is completed (cascade mode)
0001
Settings inhibited
–
0010
CAN(CAN0_S1/S30)
When CAN0 slot 1 transmission failed or slot 30 transmission/reception
finished
0011
Common 1) MJT (input event bus 1)
When MJT input event bus 1 signal is generated
0100
Common 2) MJT (input event bus 3)
When MJT input event bus 3 signal is generated
0101
Common 3) MJT (output event bus 2)
When MJT output event bus 2 signal is generated
0110
Common 4) MJT (output event bus 3)
When MJT output event bus 3 signal is generated
0111
Common 5) A/D0 conversion completed
When A/D0 conversion is completed
1000
Common 6) MJT (TIN0S)
When MJT TIN0 input signal is generated
1001
Common 7) MJT (TIO8_udf)
When MJT TIO8 underflow occurs
1010
Common 8) MJT (TIN30S)
When MJT TIN30 input signal is generated
1011
Common 9) MJT (TIO9_udf)
When MJT TIO9 underflow occurs
1100
Common 10) Settings inhibited
–
1101
Settings inhibited
–
1110
DRI (DIN2)
When DRI DIN2 event detection interrupt is generated
1111
SIO5_TXD (transmit buffer empty)
When SIO5 transmit buffer empty interrupt is generated
9.3 Functional Description of DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com