Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 278Page - Renesas Technology Corp 32186 Datasheet HTML 279Page - Renesas Technology Corp 32186 Datasheet HTML 280Page - Renesas Technology Corp 32186 Datasheet HTML 281Page - Renesas Technology Corp 32186 Datasheet HTML 282Page - Renesas Technology Corp 32186 Datasheet HTML 283Page - Renesas Technology Corp 32186 Datasheet HTML 284Page - Renesas Technology Corp 32186 Datasheet HTML 285Page - Renesas Technology Corp 32186 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1032 page
background image
DMAC
9
9-36
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.2 DMAC Related Registers
DMA0–4 Interrupt Request Mask Register (DM04ITMK)
<Address: H’0080 0401>
9
1011121314
b15
b8
DMITMK4 DMITMK3
DMITMK1 DMITMK0
DMITMK2
00000
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–10
No function assigned. Fix to "0."
00
11
DMITMK4 (DMA4 interrupt request mask bit)
0: Enable interrupt request
R
W
12
DMITMK3 (DMA3 interrupt request mask bit)
1: Mask (disable) interrupt request
13
DMITMK2 (DMA2 interrupt request mask bit)
14
DMITMK1 (DMA1 interrupt request mask bit)
15
DMITMK0 (DMA0 interrupt request mask bit)
DMA5–9 Interrupt Request Mask Register (DM59ITMK)
<Address: H’0080 0409>
9
1011121314
b15
b8
DMITMK9 DMITMK8
DMITMK6 DMITMK5
DMITMK7
00000
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–10
No function assigned. Fix to "0."
00
11
DMITMK9 (DMA9 interrupt request mask bit)
0: Enable interrupt request
R
W
12
DMITMK8 (DMA8 interrupt request mask bit)
1: Mask (disable) interrupt request
13
DMITMK7 (DMA7 interrupt request mask bit)
14
DMITMK6 (DMA6 interrupt request mask bit)
15
DMITMK5 (DMA5 interrupt request mask bit)
The DMA Interrupt Request Mask Register is used to mask interrupt requests on each DMA channel.
(1) DMITMKn (DMAn Interrupt Request Mask) bit (n = 0–9)
Setting the DMAn interrupt request mask bit to "1" masks the interrupt requests on DMAn channel.
However, if an interrupt request occurs, the DMAn interrupt request status bit is always set to "1"
irrespective of the contents of this mask register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com