Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 277Page - Renesas Technology Corp 32186 Datasheet HTML 278Page - Renesas Technology Corp 32186 Datasheet HTML 279Page - Renesas Technology Corp 32186 Datasheet HTML 280Page - Renesas Technology Corp 32186 Datasheet HTML 281Page - Renesas Technology Corp 32186 Datasheet HTML 282Page - Renesas Technology Corp 32186 Datasheet HTML 283Page - Renesas Technology Corp 32186 Datasheet HTML 284Page - Renesas Technology Corp 32186 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1032 page
background image
DMAC
9
9-35
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.2 DMAC Related Registers
DMA0–4 Interrupt Request Status Register (DM04ITST)
<Address: H’0080 0400>
123456
b7
b0
DMITST4 DMITST3
DMITST1 DMITST0
DMITST2
00000
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0."
00
3
DMITST4 (DMA4 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
4
DMITST3 (DMA3 interrupt request status bit)
1: Interrupt requested
5
DMITST2 (DMA2 interrupt request status bit)
6
DMITST1 (DMA1 interrupt request status bit)
7
DMITST0 (DMA0 interrupt request status bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
DMA5–9 Interrupt Request Status Register (DM59ITST)
<Address: H’0080 0408>
123456
b7
b0
DMITST9 DMITST8
DMITST6 DMITST5
DMITST7
00000
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0."
00
3
DMITST9 (DMA9 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
4
DMITST8 (DMA8 interrupt request status bit)
1: Interrupt requested
5
DMITST7 (DMA7 interrupt request status bit)
6
DMITST6 (DMA6 interrupt request status bit)
7
DMITST5 (DMA5 interrupt request status bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
The Interrupt Request Status Register helps to know the status of interrupt requests on each channel. If the
DMAn interrupt request status bit (n = 0–9) is set to "1," it means that a DMA interrupt request on the
corresponding channel has been generated.
(1) DMITSTn (DMAn Interrupt Request Status) bit (n = 0–9)
[Setting the DMAn interrupt request status bit]
This bit is set in hardware, and cannot be set in software.
[Clearing the DMAn interrupt request status bit]
This bit is cleared by writing "0" in software.
Note: • The DMAn interrupt request status bit cannot be cleared by writing "0" to the DMA Interrupt
Control Register’s “interrupt request bit” included in the Interrupt Controller.
When writing to the DMA Interrupt Request Status Register, make sure only the bits to be cleared are set to "0"
and all other bits are set to "1." Those bits that have been set to "1" are unaffected by writing in software
and retain the value they had before the write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com