| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 278 Page - Renesas Technology Corp |
|
278 / 1032 page ![]() DMAC 9 9-32 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 9.2.5 DMA Transfer Count Registers DMA0 Transfer Count Register (DM0TCT) <Address: H’0080 0416> DMA1 Transfer Count Register (DM1TCT) <Address: H’0080 0426> DMA2 Transfer Count Register (DM2TCT) <Address: H’0080 0436> DMA3 Transfer Count Register (DM3TCT) <Address: H’0080 0446> DMA4 Transfer Count Register (DM4TCT) <Address: H’0080 0456> DMA5 Transfer Count Register (DM5TCT) <Address: H’0080 041E> DMA6 Transfer Count Register (DM6TCT) <Address: H’0080 042E> DMA7 Transfer Count Register (DM7TCT) <Address: H’0080 043E> DMA8 Transfer Count Register (DM8TCT) <Address: H’0080 044E> DMA9 Transfer Count Register (DM9TCT) <Address: H’0080 045E> b0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 b15 DM0TCT–DM15TCT ???????????????? <Upon exiting reset: Undefined> b Bit Name Function R W 0–15 DM0TCT–DM9TCT DMA transfer count R W (Has no effect during ring buffer mode) Note: • This register must always be accessed in halfwords. The DMA Transfer Count Register is used to set the number of times data is transferred on each channel. However, the value in this register has no effect during ring buffer mode. The transfer count is the "value set in the transfer count register + 1." Because the DMA Transfer Count Register is comprised of a current register, the values read from this register are always the current value. (However, if the register is read in a cycle immediately after transfer, the value obtained is one that was stored in the count register before the transfer began.) When transfer finishes, this count register underflows and the value read from it is H’FFFF. When transfer is enabled, this register is protected in hardware and cannot be accessed for write. During ring buffer mode, the transfer count register counts down in free-run mode and continues counting until transfer is disabled. No interrupt is generated at underflow. If any cascaded channel exists, each time one DMA transfer (byte or halfword) is completed or when all transfers on a channel are completed (i.e., the transfer count register underflows), transfer on the cas- caded channel starts. The DMA Transfer Count Register must always be accessed in halfwords (16 bits) beginning with an even address. If accessed in bytes, the value in this register is undefined. 9.2 DMAC Related Registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |