Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 272Page - Renesas Technology Corp 32186 Datasheet HTML 273Page - Renesas Technology Corp 32186 Datasheet HTML 274Page - Renesas Technology Corp 32186 Datasheet HTML 275Page - Renesas Technology Corp 32186 Datasheet HTML 276Page - Renesas Technology Corp 32186 Datasheet HTML 277Page - Renesas Technology Corp 32186 Datasheet HTML 278Page - Renesas Technology Corp 32186 Datasheet HTML 279Page - Renesas Technology Corp 32186 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1032 page
background image
DMAC
9
9-30
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.2.3 DMA Source Address Registers
DMA0 Source Address Register (DM0SA)
<Address: H’0080 0412>
DMA1 Source Address Register (DM1SA)
<Address: H’0080 0422>
DMA2 Source Address Register (DM2SA)
<Address: H’0080 0432>
DMA3 Source Address Register (DM3SA)
<Address: H’0080 0442>
DMA4 Source Address Register (DM4SA)
<Address: H’0080 0452>
DMA5 Source Address Register (DM5SA)
<Address: H’0080 041A>
DMA6 Source Address Register (DM6SA)
<Address: H’0080 042A>
DMA7 Source Address Register (DM7SA)
<Address: H’0080 043A>
DMA8 Source Address Register (DM8SA)
<Address: H’0080 044A>
DMA9 Source Address Register (DM9SA)
<Address: H’0080 045A>
b0
123456789
10
11
12
13
14
b15
DM0SA–DM9SA
????????????????
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0–15
DM0SA–DMA9SA
Source address bits A16–A31
R
W
(Note 1)
Note 1: A0 to A15 are fixed by DMAn Channel Control Register 1 (DMnCNT1) bits 8 and 9.
Notes: • This register must always be accessed in halfwords.
• Address other than SFR area and internal RAM area must be set.
The DMA Source Address Register is used to set the source address of DMA transfer in such a way that bit
0 and bit 15 correspond to A16 and A31, respectively. Because this register is comprised of a current
register, the values read from this register are always the current value.
When DMA transfer finishes (i.e., the Transfer Count Register underflows), the value in this register if
“Address fixed” is selected, is the same source address that was set in it before the DMA transfer began;
if “Address incremental” is selected, the value in this register is the last transfer address + 1 (for 8-bit
transfer) or the last transfer address + 2 (for 16-bit transfer).
The DMA Source Address Register must always be accessed in halfwords (16 bits) beginning with an even
address. If accessed in bytes, the value in this register is undefined.
(1) DM0SA–DM9SA (Source Address bits A16–A31)
Set this register to specify the source address of DMA transfer in the SFR area or internal RAM area.
For high-order 16 bits (A0 to A15) of the source address, Bank 0 to Bank 2 are selected according to
the setting of DMAn channel control register 1 (DMnCNT1) bits 8 and 9, and the high-order 16 bits of
the corresponding source address are fixed. In this register, the low-order 16 bits of the source
address are set. (Bit 0 and bit 15 correspond to A16 and A31 of the source address, respectively)
Note that no transfer over the bank is carried out when "increment" is selected in SADSLn bit of DMAn
channel control register(DMnCNT0). Upon completion of bank transfer to the final address, the bank
is to be transferred to the head address.
9.2 DMAC Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com