Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 275Page - Renesas Technology Corp 32186 Datasheet HTML 276Page - Renesas Technology Corp 32186 Datasheet HTML 277Page - Renesas Technology Corp 32186 Datasheet HTML 278Page - Renesas Technology Corp 32186 Datasheet HTML 279Page - Renesas Technology Corp 32186 Datasheet HTML 280Page - Renesas Technology Corp 32186 Datasheet HTML 281Page - Renesas Technology Corp 32186 Datasheet HTML 282Page - Renesas Technology Corp 32186 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1032 page
background image
DMAC
9
9-33
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.2 DMAC Related Registers
9.2.6 DMA Interrupt Related Registers
The DMA interrupt related registers are used to control the interrupt request signals sent from the DMAC to
the Interrupt Controller.
(1) Interrupt request status bit
This status bit is used to determine whether there is an interrupt request. When an interrupt request
occurs, this bit is set in hardware (cannot be set in software). The status bit is cleared by writing "0."
Writing "1" has no effect; the bit retains the status it had before the write. Because this status bit is
unaffected by the interrupt request mask bit, it can be used to inspect the operating status of periph-
eral functions.
In interrupt handling, make sure that within the grouped interrupt request status, only the status bit for the
interrupt request that has been serviced is cleared. If the status bit for any interrupt request that has not
been serviced is cleared, the pending interrupt request is cleared simultaneously with its status bit.
(2) Interrupt request mask bit
This bit is used to disable unnecessary interrupt requests within the grouped interrupt request. Set this bit to "0"
to enable interrupt requests or "1" to disable interrupt requests.
Figure 9.2.2 Interrupt Request Status and Mask Registers
To the Interrupt
Controller
Interrupt request from
each peripheral function
Interrupt request status
Data bus
Set
Group interrupt
Interrupt request enabled
clear
F/F
F/F
Data = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com