Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 269Page - Renesas Technology Corp 32186 Datasheet HTML 270Page - Renesas Technology Corp 32186 Datasheet HTML 271Page - Renesas Technology Corp 32186 Datasheet HTML 272Page - Renesas Technology Corp 32186 Datasheet HTML 273Page - Renesas Technology Corp 32186 Datasheet HTML 274Page - Renesas Technology Corp 32186 Datasheet HTML 275Page - Renesas Technology Corp 32186 Datasheet HTML 276Page - Renesas Technology Corp 32186 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1032 page
background image
DMAC
9
9-27
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
9.2 DMAC Related Registers
[DMnCNT0 Register]
(1) MDSELn (DMAn Transfer Mode Select) bit (Bit 0)
When performing DMA transfer in single transfer mode, this bit selects normal mode or ring buffer
mode. Setting this bit to "0" selects normal mode and setting it to "1" selects ring buffer mode.
The number of transfers in the ring buffer mode is selected with register DMnCNT2.
(2) TREQFn (DMAn Transfer Request Flag) bit (Bit 1)
This flag indicates if there are DMA transfer requests for each channel. This bit is set to “1,” when
DMA transfer requests are occurred in spite of TENLn bit setting value and then after completing
transmission it is cleared to “0.”
And when write “0” to this bit, it clear DMA transfer requests occurred. When write “1,” it keeps value
which before writing.
If a new DMA transfer request occurs on a channel for which the DMA transfer request flag has
already been set to "1," the next DMA transfer request is not accepted until the transfer being per-
formed on that channel is completed.
(3) REQSLn (DMAn Transfer Request Source Select) bits (Bits 2, 3)
These bits select the cause or source of DMA transfer request on each DMA channel.
(4) TENLn (DMAn Transfer Enable) bit (Bit 4)
When setting this bit to “1” (enable transfer), DMA transfer is enable and when all transmissions are
completed (underflow of transfer count register), it is “0” cleared. And when DMA transfer request is
already occurred and set to transfer enable, DMA transfer starts immediately so that make sure not to
do that.
When setting this bit to “0” (disable transfer), DMA transfer is disable. However, if a transfer request
has already been accepted, transfers on that channel are not disabled until after the requested trans-
fer is completed.
(5) TSZSLn (DMAn Transfer Size Select) bit (Bit 5)
This bit selects the number of bits to be transferred in one DMA transfer operation (the unit of one
transfer). The unit of one transfer is 16 bits when TSZSL = "0" or 8 bits when TSZSL = "1."
(6) SADSLn (DMAn Source Address Direction Select) bit (Bit 6)
This bit selects the direction in which the source address changes. This mode can be selected from
two choices: Address fixed or Address incremental.
(7) DADSLn (DMAn Destination Address Direction Select) bit (Bit 7)
This bit selects the direction in which the destination address changes. This mode can be selected
from two choices: Address fixed or Address incremental.
Extended DMA transfer
request source selected
DMAn transfer
request source
S
S
DMAn
Figure 9.2.1 Block Diagram of Extended DMAn Transfer Request Source Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com