Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 304Page - Renesas Technology Corp 32186 Datasheet HTML 305Page - Renesas Technology Corp 32186 Datasheet HTML 306Page - Renesas Technology Corp 32186 Datasheet HTML 307Page - Renesas Technology Corp 32186 Datasheet HTML 308Page - Renesas Technology Corp 32186 Datasheet HTML 309Page - Renesas Technology Corp 32186 Datasheet HTML 310Page - Renesas Technology Corp 32186 Datasheet HTML 311Page - Renesas Technology Corp 32186 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-12
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.2.2 Common Count Clock Select Function
Common Count Clock Select Register (CNTCKSEL)
<Address: H’0080 0200>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
PRS012CKS
0: BCLK/4
R
W
Prescaler 0-2, TML0,1 supplied clock select bit
1: BCLK/2
1–7
No function assigned. Fix to "0."
00
Note 1: Clock switchover takes effect asynchronously with the count clock. This bit can only be set or reset before the prescalers 0,
1, 2 and the TML0, 1 counters are set when the TOP/TIO/TMS are inactive.
This register is used to select the clock supplied to the prescalers 0–2 and the timers (TML0, 1).
(1) PRS012CKS (prescaler 0-2, TML0,1 supplied clock select) bit (Bit 0)
This bit selects the clock supplied to the prescalers 0–2 and the timers TML0 and 1. Setting this bit to 0
selects BCLK/4 (5 MHz when f(CPUCLK) = 80 MHz); setting this bit to 1 selects BCLK/2 (10 MHz when
f(CPUCLK) = 80 MHz).
Figure 10.2.1 Block Diagram of the Common Count Clock Select Function
b0
123456
b7
PRS012CKS
0000000
0
PRS0
PRS1
PRS2
BCLK/2
1/4
S
TML0
TML1
S
Clock bus 0
Clock bus 1
Clock bus 2
BCLK
1/2
BCLK/4
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com