Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 305Page - Renesas Technology Corp 32186 Datasheet HTML 306Page - Renesas Technology Corp 32186 Datasheet HTML 307Page - Renesas Technology Corp 32186 Datasheet HTML 308Page - Renesas Technology Corp 32186 Datasheet HTML 309Page - Renesas Technology Corp 32186 Datasheet HTML 310Page - Renesas Technology Corp 32186 Datasheet HTML 311Page - Renesas Technology Corp 32186 Datasheet HTML 312Page - Renesas Technology Corp 32186 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-13
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.2.3 Prescaler Unit
The Prescalers PRS0 to 2 are an 8-bit counter, which generates clocks supplied to each timer (TOP, TIO, TMS,
TML, TID and TOU) from the internal peripheral clock (BCLK) divided by 2 or 4.
The Prescalers PRS3 and 4 are an 8-bit counter, which generates clocks supplied to timerTID and TOU from the
internal peripheral clock BCLK or BCLK divided by 4.
The values of prescaler registers are initialized to H’00 upon exting the reset state. When the set value of any
prescaler register is rewritten, the prescaler starts operating with the new value at the same time it has underflowed.
Values H’00 to H’FF can be set in the prescaler register. The prescaler’s divide-by ratio is given by the equation
below:
Prescaler divide-by ratio =
1
prescaler set value + 1
Prescaler Register 0 (PRS0)
<Address: H’0080 0202>
Prescaler Register 1 (PRS1)
<Address: H’0080 0203>
Prescaler Register 2 (PRS2)
<Address: H’0080 0204>
Prescaler Register 3 (PRS3)
<Address: H’0080 07D0>
Prescaler Register 4 (PRS4)
<Address: H’0080 0BD0>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–7
PRS0–PRS4
Set the prescaler divide-by value
R
W
(8–15)
Prescaler
Prescaler Registers 0–2 start counting after exiting the reset state. Prescaler Registers 3, 4 each are activated
by setting the TID0 Control & Prescaler 3 Enable Register (TID0PRS3EN) or TID1 Control & Prescaler 4
Enable Register (TID1PRS4EN) prescaler-n enable (PRSnEN) bit to "1" (count start), upon which the prescaler
register value is reloaded and the prescaler starts counting. For details, see Section 10.7, “TID (Input-Related
16-Bit Timer).”
If the prescaler register is accessed for read during operation, the value written into it, not the current count, is
read out.
10.2 Common Units of Multijunction Timers
b0
12
3456
b7
b8
9
10
11121314
b15
PRS0-PRS4
0
000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com