Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 98Page - Renesas Technology Corp R8C/14 Datasheet HTML 99Page - Renesas Technology Corp R8C/14 Datasheet HTML 100Page - Renesas Technology Corp R8C/14 Datasheet HTML 101Page - Renesas Technology Corp R8C/14 Datasheet HTML 102Page - Renesas Technology Corp R8C/14 Datasheet HTML 103Page - Renesas Technology Corp R8C/14 Datasheet HTML 104Page - Renesas Technology Corp R8C/14 Datasheet HTML 105Page - Renesas Technology Corp R8C/14 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 90 of 253
REJ09B0164-0210
13.1.3
Event Counter Mode
Event counter mode is mode to count an external signal which inputs from the INT1/CNTR0 pin (See
Table 13.4 Specification of Event Counter Mode). Figure 13.6 shows TXMR Register in Event
Counter Mode.
Table 13.4
Specification of Event Counter Mode
Item
Specification
Count Source
External signal which is input to CNTR0 pin (Active edge is selectable by
software)
Count Operation
• Decrement
• When the timer underflows, the contents in the reload register is reloaded and
the count is inherited
Divide Ratio
1/(n+1)(m+1) n: setting value of PREX register, m: setting value of TX register
Count Start Condition
Write “1” (count starts) to the TXS bit in the TXMR register
Count Stop Condition
Write “0” (count stops) to the TXS bit in the TXMR register
Interrupt Request
Generation Timing
• When Timer X underflows [Timer X interrupt]
INT10/CNTR00,
INT11/CNTR01 Pin
Function
Count source input (INT1 interrupt input)
CNTR0 Pin Function
Programmable I/O port
Read from Timer
The count value can be read by reading the TX and PREX registers.
Write to Timer
• When writing to the TX and PREX registers while the count stops, the value is
written to both the reload register and counter.
• When writing to the TX and PREX registers during the count, the value is written
to each reload register of the TX and PREX registers at the following count
source input and the data is transferred to the counter at the second count
source input and the count re-starts at the third count source input.
Select Function
•INT1/CNTR0 signal polarity switch function
The R0EDG bit can select the active edge of the count source.
• Count source input pin select function
The CNTRSEL bit in the UCON register can select the CNTR00 or CNTR01 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com