Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 100Page - Renesas Technology Corp R8C/14 Datasheet HTML 101Page - Renesas Technology Corp R8C/14 Datasheet HTML 102Page - Renesas Technology Corp R8C/14 Datasheet HTML 103Page - Renesas Technology Corp R8C/14 Datasheet HTML 104Page - Renesas Technology Corp R8C/14 Datasheet HTML 105Page - Renesas Technology Corp R8C/14 Datasheet HTML 106Page - Renesas Technology Corp R8C/14 Datasheet HTML 107Page - Renesas Technology Corp R8C/14 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 92 of 253
REJ09B0164-0210
13.1.4
Pulse Width Measurement Mode
Pulse width measurement mode is mode to measure the pulse width of an external signal which
inputs from the INT1/CNTR0 pin (See Table 13.5 Specification of Pulse Width Measurement
Mode). Figure 13.7 shows the TXMR Register in Pulse Width Measurement Mode. Figure 13.8
shows an Operating Example in Pulse Width Measurement Mode.
Table 13.5
Specification of Pulse Width Measurement Mode
Item
Specification
Count Source
f1, f2, f8, fRING
Count Operation
• Decrement
• Continuously counts the selected signal only when the measurement pulse is
“H” level, or conversely only “L” level.
• When the timer underflows, the contents in the reload register is reloaded
and the count is inherited
Count Start Condition
Write “1” (count starts) to the TXS bit in the TXMR register
Count Stop Condition
Write “0” (count stops) to the TXS bit in the TXMR register
Interrupt Request
Generation Timing
• When Timer X underflows [Timer X interrupt]
• Rising or falling of the CNTR0 input (end of measurement period) [INT1
interrupt]
INT10/CNTR00,
INT11/CNTR01 Pin
Function
Measurement pulse input (INT1 interrupt input)
CNTR0 Pin Function
Programmable I/O port
Read from Timer
The count value can be read by reading the TX and PREX registers.
Write to Timer
• When writing to the TX and PREX registers while the count stops, the value
is written to both the reload register and counter.
• When writing to the TX and PREX registers during the count, the value is
written to each reload register of the TX and PREX registers at the following
count source input and the data is transferred to the counter at the second
count source input and the count re-starts at the third count source input.
Select Function
•INT1/CNTR0 signal polarity switch function
The R0EDG bit can select during “H” or “L” level as the input pulse
measurement
• Measurement pulse input pin select function
The CNTRSEL bit in the UCON register can select the CNTR00 or CNTR01
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com