Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 108Page - Renesas Technology Corp R8C/14 Datasheet HTML 109Page - Renesas Technology Corp R8C/14 Datasheet HTML 110Page - Renesas Technology Corp R8C/14 Datasheet HTML 111Page - Renesas Technology Corp R8C/14 Datasheet HTML 112Page - Renesas Technology Corp R8C/14 Datasheet HTML 113Page - Renesas Technology Corp R8C/14 Datasheet HTML 114Page - Renesas Technology Corp R8C/14 Datasheet HTML 115Page - Renesas Technology Corp R8C/14 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 100 of 253
REJ09B0164-0210
Figure 13.13
PREZ, TZSC and TZPR Registers
Prescaler Z Register
Symbol
Address
After Reset
PREZ
0085h
FFh
Mode
Function
Setting Range
RW
Programmable Wait One-
shot Generation Mode
Counts internal count source or Timer X
underflow
00h to FFh
RW
Programmable One-shot
Generation Mode
Counts internal count source or Timer X
underflow
00h to FFh
RW
b0
b7
Timer Mode
RW
Counts internal count source or Timer X
underflow
00h to FFh
Programmable Waveform
Generation Mode
RW
Counts internal count source or Timer X
underflow
00h to FFh
Timer Z Secondary Register
Symbol
Address
After Reset
TZSC
0086h
FFh
Mode
Function
Setting Range
RW
NOTES :
1.
2.
Programmable Wait One-
shot Generation Mode
Counts underflow of Prescaler Z (one-shot
w idth is counted)
00h to FFh
WO
Programmable One-shot
Generation Mode
Disabled
——
Programmable Waveform
Generation Mode
WO(2)
Counts underflow of Prescaler Z(1)
00h to FFh
Disabled
—
b7
Each value in the TZPR register and TZSC register is reloaded to the counter alternately and counted.
The count value can be read out by reading the TZPR register even w hen the secondary period is being
counted.
b0
Timer Mode
—
Timer Z Primary Register
Symbol
Address
After Reset
TZPR
0087h
FFh
Mode
Function
Setting Range
RW
NOTES :
1. Each value in the TZPR register and TZSC register is reloaded to the counter alternately and counted.
b0
Timer Mode
RW
Counts underflow of Prescaler Z
b7
Programmable Waveform
Generation Mode
RW
Counts underflow of Prescaler Z(1)
00h to FFh
00h to FFh
Programmable One-shot
Generation Mode
Counts underflow of Prescaler Z
(counts one-shot w idth)
00h to FFh
RW
Programmable Wait One-
shot Generation Mode
Counts underflow of Prescaler Z
(counts w ait period)
00h to FFh
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com