Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 112Page - Renesas Technology Corp R8C/14 Datasheet HTML 113Page - Renesas Technology Corp R8C/14 Datasheet HTML 114Page - Renesas Technology Corp R8C/14 Datasheet HTML 115Page - Renesas Technology Corp R8C/14 Datasheet HTML 116Page - Renesas Technology Corp R8C/14 Datasheet HTML 117Page - Renesas Technology Corp R8C/14 Datasheet HTML 118Page - Renesas Technology Corp R8C/14 Datasheet HTML 119Page - Renesas Technology Corp R8C/14 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 104 of 253
REJ09B0164-0210
Figure 13.16
TZMR and PUM Registers in Timer Mode
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
Pin One-shot Trigger
Control Bit
INT0
____
Pin One-shot Trigger
Polarity Select Bit
RW
INOSEG
RW
Set to “0” in timer mode
Set to “0” in timer mode
RW
TZOPL
RW
0
Reserved Bit
Set to “0”
Timer Z Output Level Latch Set to “0” in timer mode
b7 b6 b5 b4
0000 0
b3 b2
INOSTG
b1 b0
0
—
(b4-b0)
0
Timer Z Mode Register
Symbol
Address
After Reset
TZMR
0080h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2. Refer to 20.4.3 Tim er Z for precautions on the TZS bit.
RW
TZMOD0
RW
—
(b3-b0)
Reserved Bit
Timer Z Count Start Flag(2)
0 : Stops counting
1 : Starts counting
0
RW
RW
0
Set to “0”
RW
Timer Z Operating Mode Bit b5 b4
0 0 : Timer mode
0
TZMOD1
b7 b6 b5 b4
00
b0
When the TZS bit is set to “1” (count start), the setting value in the TZWC bit is enabled. When the TZWC bit is set to
“0”, Timer Z count value is w ritten to both reload register and counter. Timer Z count value is w ritten to the reload
register only. When the TZS bit is set to “0” (count stop), Timer Z count value is w ritten to both reload register and
counter regardless of the setting value in the TZWC bit.
TZWC
TZS
Timer Z Write Control Bit(1)
0 : Write to reload register and counter
1 : Write to reload register only
0
b3 b2 b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com