Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 114Page - Renesas Technology Corp R8C/14 Datasheet HTML 115Page - Renesas Technology Corp R8C/14 Datasheet HTML 116Page - Renesas Technology Corp R8C/14 Datasheet HTML 117Page - Renesas Technology Corp R8C/14 Datasheet HTML 118Page - Renesas Technology Corp R8C/14 Datasheet HTML 119Page - Renesas Technology Corp R8C/14 Datasheet HTML 120Page - Renesas Technology Corp R8C/14 Datasheet HTML 121Page - Renesas Technology Corp R8C/14 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 277 page
background image
R8C/14 Group, R8C/15 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 106 of 253
REJ09B0164-0210
Figure 13.17
TZMR and PUM Registers in Programmable Waveform Generation Mode
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
Pin One-shot Trigger
Control Bit
INT0
_____
Pin One-shot Trigger
Polarity Select Bit
0
b3 b2
INOSTG
b1 b0
0
—
(b4-b0)
0
00
0
b7 b6 b5 b4
RW
TZOPL
RW
0
Reserved Bit
Set to “0”
Timer Z Output Level Latch
0 : Outputs “H” for primary period
Outputs “L” for secondary period
Outputs “L” w hen the timer is stopped
1 : Outputs “L” for primary period
Outputs “H” for secondary period
Outputs “H” w hen the timer is stopped
RW
INOSEG
RW
Set to “0” in programmable w aveform generation
mode
Set to “0” in programmable w aveform generation
mode
Timer Z Mode Register
Symbol
Address
After Reset
TZMR
0080h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
When the TZS bit is set to “1” (count start), The count value is w ritten to the reload register only. When the TZS bit is
set to “0” (count stop), The count value is w ritten to both reload register and counter.
TZS
Timer Z Count Start Flag(2)
0 : Stops counting
1 : Starts counting
RW
TZWC
Timer Z Write Control Bit
Set to “1” in programmable w aveform generation
mode(1)
RW
Reserved Bit
Set to “0”
RW
TZMOD0
Timer Z Operating Mode Bit
b5 b4
0 1 : Programmable Waveform Generation Mode
RW
TZMOD1
RW
000
—
(b3-b0)
101 0
Refer to 20.4.3 Tim er Z for precautions on the TZS bit.
b7 b6 b5 b4 b3 b2 b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com