Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 145Page - Renesas Technology Corp R8C/14 Datasheet HTML 146Page - Renesas Technology Corp R8C/14 Datasheet HTML 147Page - Renesas Technology Corp R8C/14 Datasheet HTML 148Page - Renesas Technology Corp R8C/14 Datasheet HTML 149Page - Renesas Technology Corp R8C/14 Datasheet HTML 150Page - Renesas Technology Corp R8C/14 Datasheet HTML 151Page - Renesas Technology Corp R8C/14 Datasheet HTML 152Page - Renesas Technology Corp R8C/14 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 277 page
background image
R8C/14 Group, R8C/15 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 137 of 253
REJ09B0164-0210
Figure 14.9
Transmit Timing in UART Mode
Transfer Clock
D0
TE Bit in U0C1
Register
TXD0
Set to “0” when interrupt request is acknowledged, or set by a program
• Transmit Timing When Transfer Data is 8-Bit Long (parity enabled, 1 stop bit)
Write data to U0TB register
TC
D1
D2
D3
D4
D5
D6
D7
P
SP
TC=16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: Frequency of U0BRG count source (f1, f8, f32)
fEXT: Frequency of U0BRG count source (external clock)
n: Setting value to U0BRG register
The above timing diagram applies to the following conditions:
• PRYE bit in U0MR register = 1 (parity enabled)
• STPS bit in U0MR register = 0 (1 stop bit)
• U0IRS bit in UCON register = 1 (an interrupt request is generated when transmit completes)
ST
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
D0
D1
ST
Start bit
Parity
bit
Stop pulsing
because the TE bit is set to “0”
D0
TXD0
Write data to U0TB register
Transfer from U0TB register to UART0 transmit register
TC
D1
D2
D3
D4
D5
D6
D7
D8
SP SP
ST
D0
D1
D2
D3
D4
D5
D6
D7
D8
SP SP
ST
D0
D1
ST
TI Bit in U0C1
Register
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
TXEPT Bit in
U0C0 Register
IR Bit S0TIC
Register
Stop
bit
• Transmit Timing When Transfer Data is 9-Bit Long (parity disabled, 2 stop bits)
“1”
“0”
Stop
bit
Stop
bit
Start bit
Transfer Clock
TE Bit in U0C1
Register
TI Bit in U0C1
Register
TXEPT Bit in
U0C0 Register
IR Bit in S0RIC
Register
“1”
“0”
“1”
“0”
“1”
“0”
Transfer from U0TB register to UART0 transmit register
TC=16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: Frequency of U0BRG count source (f1, f8, f32)
fEXT: Frequency of U0BRG count source (external clock)
n: Setting value to U0BRG register
Set to “0” when interrupt request is acknowledged, or set by a program
The above timing diagram applies to the following conditions:
• PRYE bit in U0MR register = 0 (parity disabled)
• STPS bit in U0MR register = 1 (2 stop bits)
• U0IRS bit in UCON register = 0 (an interrupt request is generated when transmit buffer is empty)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com