Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 147Page - Renesas Technology Corp R8C/14 Datasheet HTML 148Page - Renesas Technology Corp R8C/14 Datasheet HTML 149Page - Renesas Technology Corp R8C/14 Datasheet HTML 150Page - Renesas Technology Corp R8C/14 Datasheet HTML 151Page - Renesas Technology Corp R8C/14 Datasheet HTML 152Page - Renesas Technology Corp R8C/14 Datasheet HTML 153Page - Renesas Technology Corp R8C/14 Datasheet HTML 154Page - Renesas Technology Corp R8C/14 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 277 page
background image
R8C/14 Group, R8C/15 Group
14. Serial Interface
Rev.2.10
Jan 19, 2006
Page 139 of 253
REJ09B0164-0210
14.2.2
Bit Rate
Divided-by-16 of frequency by the U0BRG register in UART mode is a bit rate.
Figure 14.11
Calculation Formula of U0BRG Register Setting Value
Table 14.7
Bit Rate Setting Example in UART Mode
Bit Rate
(bps)
BRG
Count
Source
System Clock = 20MHz
System Clock = 8MHz
BRG Setting
Value
Actual Time
(bps)
Error(%)
BRG Setting
Value
Actual
Time (bps)
Error(%)
1200
f8
129(81h)
1201.92
0.16
51(33h)
1201.92
0.16
2400
f8
64(40h)
2403.85
0.16
25(19h)
2403.85
0.16
4800
f8
32(20h)
4734.85
-1.36
12(0Ch)
4807.69
0.16
9600
f1
129(81h)
9615.38
0.16
51(33h)
9615.38
0.16
14400
f1
86(56h)
14367.82
-0.22
34(22h)
14285.71
-0.79
19200
f1
64(40h)
19230.77
0.16
25(19h)
19230.77
0.16
28800
f1
42(2Ah)
29069.77
0.94
16(10h)
29411.76
2.12
31250
f1
39(27h)
31250.00
0.00
15(0Fh)
31250.00
0.00
38400
f1
32(20h)
37878.79
-1.36
12(0Ch)
38461.54
0.16
51200
f1
23(17h)
52083.33
1.73
9(09h)
50000.00
-2.34
<UART Mode>
• When selecting internal clock
Setting value to the U0BRG register =
fj
Bit Rate
× 16
- 1
Fj : Count source frequency of the U0BRG register (f1, f8 and f32)
• When selecting external clock
fEXT
Bit Rate
× 16
- 1
fEXT : Count source frequency of the U0BRG register (external clock)
Setting value to the U0BRG register =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com