Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 152Page - Renesas Technology Corp R8C/14 Datasheet HTML 153Page - Renesas Technology Corp R8C/14 Datasheet HTML 154Page - Renesas Technology Corp R8C/14 Datasheet HTML 155Page - Renesas Technology Corp R8C/14 Datasheet HTML 156Page - Renesas Technology Corp R8C/14 Datasheet HTML 157Page - Renesas Technology Corp R8C/14 Datasheet HTML 158Page - Renesas Technology Corp R8C/14 Datasheet HTML 159Page - Renesas Technology Corp R8C/14 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 144 of 253
REJ09B0164-0210
Figure 15.4
SSMR Register
SS Mode Register
(2)
Symbol
Address
Af ter Reset
SSMR
00BAh
00011000b
Bit Symbol
Bit Name
Function
RW
Reserved Bit
NOTES :
1.
2.
0 : “H” w hen clock stops
1 : “L” w hen clock stops
Set to “1”.
When read, its content is “1”.
RW
RW
RW
—
RW
0 : Transf ers data at MSB f irst
1 : Transf ers data at LSB first
R
BC1
BC2
Bit Counter 2 to 0
b2 b1 b0
0 0 0 : 8-bit lef t
0 0 1 : 1-bit lef t
0 1 0 : 2-bit lef t
0 1 1 : 3-bit lef t
1 0 0 : 4-bit lef t
1 0 1 : 5-bit lef t
1 1 0 : 6-bit lef t
1 1 1 : 7-bit lef t
BC0
R
R
MLS
Nothing is assigned. When w rite, set to “0”.
When read, its content is “1”.
—
(b3)
—
(b4)
CPHS
SSCK Clock Phase Select Bit (1)
0 : Change data at odd edge
(Dow nloads data at even edge)
1 : Change data at even edge
(Dow nloads data at odd edge)
CPOS
SSCK Clock Polarity Select Bit (1)
b7 b6 b5 b4
Ref er to 15.1.1 As s ociation be tw e e n Trans fe r Clock Polarity, Phas e and Data f or the setting of the CPHS and
CPOS bits.
Ref er to 20.6.1 Acce s s Re gis te rs As s ociate d w ith SSU f or accessing registers associated w ith SSU.
b3 b2 b1 b0
1
MSB First/LSB First Select Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com