Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 155Page - Renesas Technology Corp R8C/14 Datasheet HTML 156Page - Renesas Technology Corp R8C/14 Datasheet HTML 157Page - Renesas Technology Corp R8C/14 Datasheet HTML 158Page - Renesas Technology Corp R8C/14 Datasheet HTML 159Page - Renesas Technology Corp R8C/14 Datasheet HTML 160Page - Renesas Technology Corp R8C/14 Datasheet HTML 161Page - Renesas Technology Corp R8C/14 Datasheet HTML 162Page - Renesas Technology Corp R8C/14 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 147 of 253
REJ09B0164-0210
Figure 15.7
SSMR2 Register
SS Mode Register 2
(5)
Symbol
Address
After Reset
SSMR2
00BDh
00h
Bit Symbol
Bit Name
Function
RW
SCS
_____
Pin Open Drain Output
0 : CMOS output
Select Bit
1 : NMOS open drain output
SCS
_____
Pin Select Bit(2)
b5 b4
0 0 : Functions as port
0 1 : Function as SCS
_____
input pin
1 0 : Function as SCS
_____
output pin(3)
1 1 : Functions as SCS
_____
output pin(3)
NOTES :
1.
2.
3.
4.
5. Refer to 20.6.1 Access Registers Associated w ith SSU for accessing registers associated w ith SSU.
RW
b0
Refer to 15.2 Relationship betw een Data I/O Pin and SS Shift Register for the combination of the data
The SCS
______
pin functions as a port, regardless of the contents of the CSS0 and CSS1 bits w hen the SSUMS
SCKS
SSCK Pin Select Bit
0 : Functions as port
1 : Functions as serial clock pin
RW
b3 b2 b1
b7 b6 b5 b4
CSS0
CSS1
SOOS
SCKOS
SSUMS
CSOS
RW
0 : Clock Synchronous Communication Mode
1 : Four-Wire Bus Communication Mode
SSCK Pin Open Drain Output
Select Bit
0 : CMOS output
1 : NMOS open drain output
SSU Mode Select Bit(1)
SSO Pin Open Drain Output
Select Bit(1)
0 : CMOS output
1 : NMOS open drain output
RW
RW
RW
RW
The BIDE bit is disabled w hen the SSUMS bit is set to “0” (clock synchronous communication mode).
RW
BIDE
Bidirectional Mode Enable Bit(1, 4) 0 : Standard mode (communicates using 2
pins of data input and data output)
1 : Bidirectional mode (communicates using
1 pin of data input and data output)
This bit functions as the SCS
_____
input pin before starting transfer.
I/O pin.
bit is set to “0” (clock synchronous communication mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com