Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 174Page - Renesas Technology Corp R8C/14 Datasheet HTML 175Page - Renesas Technology Corp R8C/14 Datasheet HTML 176Page - Renesas Technology Corp R8C/14 Datasheet HTML 177Page - Renesas Technology Corp R8C/14 Datasheet HTML 178Page - Renesas Technology Corp R8C/14 Datasheet HTML 179Page - Renesas Technology Corp R8C/14 Datasheet HTML 180Page - Renesas Technology Corp R8C/14 Datasheet HTML 181Page - Renesas Technology Corp R8C/14 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 166 of 253
REJ09B0164-0210
Figure 15.19
Example of Operation in Data Receive (4-Wire Bus Communication Mode)
SSCK
b0
SSI
• When CPHS bit=0 (data download at even edges) and CPOS bit=0 (“H” when clock stops)
b7
SCS
(Output)
SSCK
• When CPHS bit=1 (data download at odd edges) and CPOS bit=0 (“H” when clock stops)
CPHS and CPOS : Bit in SSMR register
1 Frame
RDRF Bit in
SSSR Register
“0”
“1”
RSSTP Bit in
SSCRH Register
“0”
“1”
Dummy read in
SSRDR register
Process by
Program
1 Frame
High-Impedance
b0
b7
High-Impedance
SCS
(Output)
b7
b0
Data read in SSRDR
register
RXI interrupt request
is generated
RXI interrupt request
is generated
Data read in SSRDR
register
RXI interrupt request
is generated
b0
b7
b0
b7
b7
b0
SSI
1 Frame
RDRF Bit in
SSSR Register
“0”
“1”
RSSTP Bit in
SSCRH Register
“0”
“1”
Dummy read in
SSRDR register
Process by
Program
1 Frame
Data read in SSRDR
register
RXI interrupt request
is generated
RXI interrupt request
is generated
RXI interrupt request
is generated
Set RSSTP
bit to “1”
Data read in SSRDR
register
Set RSSTP
bit to “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com