Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 173Page - Renesas Technology Corp R8C/14 Datasheet HTML 174Page - Renesas Technology Corp R8C/14 Datasheet HTML 175Page - Renesas Technology Corp R8C/14 Datasheet HTML 176Page - Renesas Technology Corp R8C/14 Datasheet HTML 177Page - Renesas Technology Corp R8C/14 Datasheet HTML 178Page - Renesas Technology Corp R8C/14 Datasheet HTML 179Page - Renesas Technology Corp R8C/14 Datasheet HTML 180Page - Renesas Technology Corp R8C/14 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 165 of 253
REJ09B0164-0210
15.6.3
Data Receive
Figure 15.19 shows an example of the SSU operation for the data receive. During the data receive,
the SSU operates as described below.
When the SSU is set as a master device, it outputs a synchronous clock and inputs data. When the
SSU is set as a salve device, it outputs data synchronized with the input clock while the SCS pin is
held “L” input. When the SSU is set as a master device, it outputs a receive clock and starts receiving
by performing dummy read on the SSRDR register.
After the 8-bit data is received, the RDRF bit in the SSSR register is set to “1” (data in the SSRDR
register) and receive data is stored in the SSRDR register. When the RIE bit in the SSER register is
set to “1” (enables RXI and OEI interrupt request), the RXI interrupt request is generated. If the
SSRDR register is read, the RDRF bit is automatically set to “0” (no data in the SSRDR register).
Read the receive data after setting the RSSTP bit in the SSCRH register to “1” (after receiving 1-byte
data, the receive operation is completed). The SSU outputs a clock for receiving 8-bit data and stops.
After that, set the RE bit in the SSER register to “0” (disables receive) and the RSSTP bit to “0”
(receive operation is continued after receiving 1-byte data) and read the receive data. If the SSRDR
register is read while the RE bit is set to “1” (enables receive), a receive clock is output again.
When the 8th clock rises while the RDRF bit is set to “1”, the ORER bit in the SSSR register is set to
“1” (overrun error occurs : OEI) and the operation is stopped. When the ORER bit is set to “1”, receive
can not be performed. Confirm that the ORER bit is set to “0” before restarting receive.
When the RDRF and ORER bits are set to “1”, it varies depending on setting the CPHS bit in the
SSMR register. Figure 15.19 shows when the RDRF and ORER bits are set to “1”.
When the CPHS bit is set to “1” (data download at the odd edges), the RDRF and ORER bits are set
to “1” at one point of a frame.
A sample flowchart is the same as the clock synchronous communication mode (Refer to Figure
15.15 Sample Flowchart for Data Receive (MSS=1) (Clock Synchronous Communication
Mode)
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com