Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 169Page - Renesas Technology Corp R8C/14 Datasheet HTML 170Page - Renesas Technology Corp R8C/14 Datasheet HTML 171Page - Renesas Technology Corp R8C/14 Datasheet HTML 172Page - Renesas Technology Corp R8C/14 Datasheet HTML 173Page - Renesas Technology Corp R8C/14 Datasheet HTML 174Page - Renesas Technology Corp R8C/14 Datasheet HTML 175Page - Renesas Technology Corp R8C/14 Datasheet HTML 176Page - Renesas Technology Corp R8C/14 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 161 of 253
REJ09B0164-0210
15.6
Operation in 4-Wire Bus Communication Mode
4-wire bus communication mode is a mode which communicates with the 4-wire bus; a clock line, data
input line, data output line and chip select line. This mode includes bidirectional mode in which the data
input line and data output line function as a single pin.
The data input line and output line are changed according to the setting of the MSS bit in the SSCRH
register and the BIDE bit in the SSMR2 register. For details, refer to 15.2.1 Association between Data
I/O Pin and SS Shift Register
. In this mode, association between the clock polarity, phase and data can
be set by the CPOS and CPHS bits in the SSMR register. For details, refer to 15.1.1 Association
between Transfer Clock Polarity, Phase and Data
.
When the SSU is set as a master device, the chip select line controls output. When the SSU is set as a
slave device, the chip select line controls input. When the SSU is set as master device, the chip select
line controls output of the SCS pin or controls output of a general port by setting the CSS1 bit in the
SSMR2 register. When the SSU is set as a slave device, the chip select line set the SCS pin as an input
pin by setting the CSS1 and CSS0 bits in the SSMR2 register to “01b”.
In 4-wire bus communication mode, the MLS bit in the SSMR register is set to “0” and communication is
performed using the MSB-first.
15.6.1
Initialization in 4-Wire Bus Communication Mode
Figure 15.17 shows an Initialization in 4-Wire Bus Communication Mode. Before the data transit/
receive, set the TE bit in the SSER register to “0” (disables transmit) and the RE bit in the SSER
register to “0” (disables receive) and initialize the SSU.
When communication mode and format are changed, set the TE bit to “0” and the RE bit to “0” before
changing.
Setting the RE bit to “0” does not change the contents of the RDRF and ORER flags, and the contents
of the SSRDR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com