Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 166Page - Renesas Technology Corp R8C/14 Datasheet HTML 167Page - Renesas Technology Corp R8C/14 Datasheet HTML 168Page - Renesas Technology Corp R8C/14 Datasheet HTML 169Page - Renesas Technology Corp R8C/14 Datasheet HTML 170Page - Renesas Technology Corp R8C/14 Datasheet HTML 171Page - Renesas Technology Corp R8C/14 Datasheet HTML 172Page - Renesas Technology Corp R8C/14 Datasheet HTML 173Page - Renesas Technology Corp R8C/14 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 158 of 253
REJ09B0164-0210
Figure 15.15
Sample Flowchart for Data Receive (MSS=1) (Clock Synchronous Communication
Mode)
Start
Initialization
Dummy read on SSRDR register
Read receive data in SSRDR register
Read ORER bit in SSSR register
Last data
received?
Read RDRF bit in SSSR register
RDRF=1 ?
No
Yes
Yes
No
No
Yes
(1)
(2)
(3)
(1) After setting each register in the SSU register,
dummy read on the SSRDR register is performed
and receive operation is started.
(2) Determine whether the last 1-byte data is received.
When the last 1-byte data is received, set to stop
after the data is received.
(3) When a receive error occurs, perform an error
(6) process after reading the ORER bit. Then set the
ORER bit to “0”. Transmit/receive can not be
restarted while the ORER bit is set to “1”.
(4) Confirm that the RDRF bit is set to “1”. If the
RDRF bit is set to “1”, read the receive data in the
SSRDR register. If the SSRDR register is read,
the RDRF bit is automatically set to “0”.
ORER=1 ?
End
Read receive data in SSRDR register
Read ORER bit in SSSR register
Read RDRF in SSSR register
RDRF=1 ?
No
Yes
ORER=1 ?
SSER register
RE bit
← 0
SSCRH register
RSSTP bit
← 0
SSCRH register
RSSTP bit
← 1
Overrun
error
process
No
Yes
(4)
(5)
(6)
(7)
(7) Confirm that the RDRF bit is set to “1”. When the
receive operation is completed, set the RSSTP bit to
“0” and the RE bit to “0” before reading the last 1-
byte data. If the SSRDR register is read before
setting the RE bit to “0”, the receive operation is
restarted again.
(5)Before the last 1-byte data is received, set the
RSSTP bit to “1” and stop after the data is
received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com