Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 164Page - Renesas Technology Corp R8C/14 Datasheet HTML 165Page - Renesas Technology Corp R8C/14 Datasheet HTML 166Page - Renesas Technology Corp R8C/14 Datasheet HTML 167Page - Renesas Technology Corp R8C/14 Datasheet HTML 168Page - Renesas Technology Corp R8C/14 Datasheet HTML 169Page - Renesas Technology Corp R8C/14 Datasheet HTML 170Page - Renesas Technology Corp R8C/14 Datasheet HTML 171Page - Renesas Technology Corp R8C/14 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 156 of 253
REJ09B0164-0210
Figure 15.13
Sample Flowchart for Data Transmit (Clock Synchronous Communication Mode)
Start
Initialization
Read TDRE bit in SSSR register
SSSR register
TEND bit
← 0(1)
End
TDRE=1 ?
Write transmit data to SSTDR register
Data transmit
continued?
Read TEND bit in SSSR register
TEND=1 ?
No
Yes
Yes (2)
No
No
Yes
SSER register
TE bit
← 0
(1)
(2)
(3)
(1) After reading the SSSR register and confirming
that the TDRE bit is set to “1”, write the transmit
data to the SSTDR register. When write the
transmit data to the SSTDR register, the TDRE bit
is automatically set to “0”.
(2) Determine whether data transmit is continued
(3) When the data transmit is completed, the TEND
bit is set to “1”. Set the TEND bit to “0” and the TE
bit to “0” and complete transmit mode.
NOTES:
1. Write “0” after reading “1” to set the TEND bit to “0”.
2. When setting the microcomputer to the slave device, ensure the TEND bit is set to “1” (data transmit ends)
and write the following transmit data to the SSTDR register. When setting the microcomputer to the master
device, continuous transmit is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com