Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 165Page - Renesas Technology Corp R8C/14 Datasheet HTML 166Page - Renesas Technology Corp R8C/14 Datasheet HTML 167Page - Renesas Technology Corp R8C/14 Datasheet HTML 168Page - Renesas Technology Corp R8C/14 Datasheet HTML 169Page - Renesas Technology Corp R8C/14 Datasheet HTML 170Page - Renesas Technology Corp R8C/14 Datasheet HTML 171Page - Renesas Technology Corp R8C/14 Datasheet HTML 172Page - Renesas Technology Corp R8C/14 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 277 page
background image
R8C/14 Group, R8C/15 Group
15. Clock Synchronous Serial I/O with Chip Select (SSU)
Rev.2.10
Jan 19, 2006
Page 157 of 253
REJ09B0164-0210
15.5.3
Data Receive
Figure 15.14 shows an Example of Operation for Data Receive (Clock Synchronous Communication
Mode).
During the data receive, the SSU operates as described below. When the SSU is set as a master
device, it outputs a synchronous clock and inputs data.
When the SSU is set as a salve device, it outputs data synchronized with the input clock. When the
SSU is set as a master device, it outputs a receive clock and starts receiving by performing dummy
read on the SSRDR register.
After the 8-bit data is received, the RDRF bit in the SSSR register is set to “1” (data in the SSRDR
register) and receive data is stored in the SSRDR register. When the RIE bit in the SSER register is
set to “1” (enables RXI and OEI interrupt request), the RXI interrupt request is generated. If the SSDR
register is read, the RDRF bit is automatically set to “0” (no data in the SSRDR register).
Read the receive data after setting the RSSTP bit in the SSCRH register to “1” (after receiving 1-byte
data, the receive operation is completed). The SSU outputs a clock for receiving 8-bit data and stops.
After that, set the RE bit in the SSER register to “0” (disables receive) and the RSSTP bit to “0”
(receive operation is continued after receiving the 1-byte data) and read the receive data. If the
SSRDR register is read while the RE bit is set to “1” (enables receive), a receive clock is output again.
When the 8th clock rises while the RDRF bit is set to “1”, the ORER bit in the SSSR register is set to
“1” (overrun error occurs : OEI) and the operation is stopped. When the ORER bit is set to “1”, receive
can not be performed. Confirm that the ORER bit is set to “0” before restarting receive.
Figure 15.15 shows a Sample Flowchart for Data Receive (MSS=1) (Clock Synchronous
Communication Mode).
Figure 15.14
Example of Operation for Data Receive (Clock Synchronous Communication Mode)
SSCK
b0
SSI
• When SSUMS=0 (clock synchronous communication mode), CPHS=0 (data download
at even edges) and CPOS bit=0 (“H” when clock stops)
b0
b7
1 Frame
RDRF Bit in
SSSR Register
“0”
“1”
RSSTP Bit in
SSCRH Register “0”
“1”
Dummy read in
SSRDR register
Process by
program
RXI interrupt request
generation
b0
b7
b7
1 Frame
RXI interrupt request
generation
Read data in SSRDR
register
Read data in
SSRDR register
Set RSSTP bit to “1”
RXI interrupt request
generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com