Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 193Page - Renesas Technology Corp R8C/14 Datasheet HTML 194Page - Renesas Technology Corp R8C/14 Datasheet HTML 195Page - Renesas Technology Corp R8C/14 Datasheet HTML 196Page - Renesas Technology Corp R8C/14 Datasheet HTML 197Page - Renesas Technology Corp R8C/14 Datasheet HTML 198Page - Renesas Technology Corp R8C/14 Datasheet HTML 199Page - Renesas Technology Corp R8C/14 Datasheet HTML 200Page - Renesas Technology Corp R8C/14 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 277 page
background image
R8C/14 Group, R8C/15 Group
17. Programmable I/O Ports
Rev.2.10
Jan 19, 2006
Page 185 of 253
REJ09B0164-0210
Figure 17.7
PUR0 and PUR1 Registers
Figure 17.8
DRR Register
Pull-Up Control Register 0
Symbol
A ddress
A f ter Reset
PUR0
00FCh
00XX0000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
RW
When this bit is set to “1” (pulled up), the pin w hose direct bit is set to “0” (input mode) is pulled up.
PU07
PU06
RW
RW
RW
P1_4 to P1_7 pull-up(1)
PU02
—
(b5-b4)
PU03
b3 b2 b1
0
b0
0
(b1-b0)
b7 b6 b5 b4
P1_0 to P1_3 pull-up(1)
Reserved Bit
P3_4 to P3_5 and P3_7 pll-up(1)
—
P3_3 pull-up(1)
RW
0 : Not pulled up
1 : Pulled up
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
0 : Not pulled up
1 : Pulled up
Set to “0”
Pull-up Control Register 1
Symbol
Address
Af ter Reset
PUR1
00FDh
XXXXXX0Xb
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
—
PU11
P4_5 pull-up(1)
0 : Not pulled up
1 : Pulled up
RW
—
(b7-b2)
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
—
(b0)
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
b7 b6 b5 b4
b0
—
When the PU11 bit is set to “1” (pulled up) and the PD4_5 bit is set to “0” (input mode), the P4_5 pin is
pulled up.
b3 b2 b1
Port P1 Drive Capacity Control Register
Symbol
Address
After Reset
DRR
00FEh
00h
Bit Symbol
Bit Name
Function
RW
RW
Set P1 N-channel output transistor drive
capacity
0 : Low
1 : High
Reserved Bit
(b7-b4)
RW
P1_0 Drive Capacity
DRR3
P1_3 Drive Capacity
RW
RW
RW
P1_2 Drive Capacity
DRR1
P1_1 Drive Capacity
b1 b0
0
b3 b2
DRR0
DRR2
Set to “0”
b7 b6 b5 b4
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com